Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7212 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 35Page - Dialog Semiconductor DA7212 Datasheet HTML 36Page - Dialog Semiconductor DA7212 Datasheet HTML 37Page - Dialog Semiconductor DA7212 Datasheet HTML 38Page - Dialog Semiconductor DA7212 Datasheet HTML 39Page - Dialog Semiconductor DA7212 Datasheet HTML 40Page - Dialog Semiconductor DA7212 Datasheet HTML 41Page - Dialog Semiconductor DA7212 Datasheet HTML 42Page - Dialog Semiconductor DA7212 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
39 of 129
© 2015 Dialog Semiconductor
13.16 Charge pump clock control
The charge pump on DA7212 requires two clocks (cp_clk and cp_clk2). The cp_clk2 clock runs at a
slower frequency than cp_clk. It is cp_clk that actually clocks the charge pump.
To prevent the clocks stopping in an unknown state, there are always two pulses on cp_clk for every
one pulse of cp_clk2. This is illustrated in Figure 12.
cp_clk
clk
cp_clk2
Figure 12: Input (clk) and output clocks (cp_clk and cp_clk2) at CP_FCONTROL = 010
When CP_ANALOGUE_LVL = 00 (‘No feedback’ – see Section 13.17 for more details), the charge
pump’s nominal clock rate cp_clk is controlled by CP_FCONTROL, providing a range from 1 MHz
(CP_FCONTROL = 000) down to 63 kHz (CP_FCONTROL = 100). With the slower clock rates,
quiescent power consumption is lower but the trade-off is a reduced load current, and slower
changes to the voltage.
Section 13.17 describes how quiescent power and load current can be varied according to demand.
13.17 Boosting the charge pump using demand feedback control
When CP_ANALOGUE_LVL = 00, the clock frequency for the charge pump is under direct control of
the registers as described in Table 29.
When CP_ANALOGUE_LVL = 01 or 10 (11 is reserved and is not used), the demands on the charge
pump output are tracked, and the clock frequency is boosted when necessary to give the required
output current.
This gives the benefit of a very low (or even zero) quiescent current when the charge pump is not
required combined with a maximum output when that is required.
13.17.1 Tracking the demands on the charge pump output
There are three points at which the demands on the charge pump can be tracked. These tracking
points are determined by CP_MCHANGE.
13.17.1.1
CP_MCHANGE = 00 (manual mode)
If CP_MCHANGE = 00, the voltage level is controlled by the CP_MOD setting.
13.17.1.2
CP_MCHANGE = 01 (tracking the PGA gain setting)
If CP_MCHANGE = 01, it is the PGA gain setting that is tracked, and which provides the feedback to
boost the clock frequency when necessary.
13.17.1.3
CP_MCHANGE = 10 (tracking the DAC signal setting)
If CP_MCHANGE = 01, it is the size of the DAC signal that is tracked, and which provides the
feedback to boost the clock frequency when necessary.
13.17.1.4
CP_MCHANGE = 11 (tracking the output signal magnitude)
If CP_MCHANGE = 01, it is the magnitude of the output signal that is tracked, and which provides
the feedback to boost the clock frequency when necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com