Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA7212 Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA7212
Description  Ultra-low power stereo codec
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7212 Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA7212 Datasheet HTML 9Page - Dialog Semiconductor DA7212 Datasheet HTML 10Page - Dialog Semiconductor DA7212 Datasheet HTML 11Page - Dialog Semiconductor DA7212 Datasheet HTML 12Page - Dialog Semiconductor DA7212 Datasheet HTML 13Page - Dialog Semiconductor DA7212 Datasheet HTML 14Page - Dialog Semiconductor DA7212 Datasheet HTML 15Page - Dialog Semiconductor DA7212 Datasheet HTML 16Page - Dialog Semiconductor DA7212 Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 129 page
background image
DA7212
Ultra-low power stereo codec
Company confidential
Datasheet
Revision 3c
24-Nov-2015
13 of 129
© 2015 Dialog Semiconductor
7
Parametric specifications
Table 7: Analogue to digital converter (ADC)
Parameter
Description
Conditions
Min
Typ
Max
Unit
VMAX
Full-scale input signal
Digital output level =
0 dBFS
1.6 × VDD_A
VPP
SNR
(Note 4)
Signal to noise ratio
A-weighted
no input selected
90
dB
THD+N
(Note 5)
Total harmonic distortion
plus noise
-1 dBFS
44.1 kHz slave mode
-85
dB
-1 dBFS
32 kHz PLL mode
-80
dB
In-band spurious
Analog input level =
0 dBFS
-85
dB
Channel separation
90
dB
BPASS
Pass band
0.45*Fs
Hz
BSTOP
Stop band
Fs
 48 kHz
Fs = 88.2/96 kHz
0.56*Fs
7*Fs
3.5*Fs
Hz
Pass band ripple
Voice mode
Music mode
±0.3
±0.1
dB
Stop band attenuation
Voice mode
Music mode
70
55
dB
Group delay
Voice mode
Music mode
Fs = 88.2/96 kHz
4.3/Fs
18/Fs
9/Fs
s
Group delay mismatch
Between left and right
channels
2
µs
PSRR
(Note 6)
with
respect to
VDD_A
Power supply rejection
ratio
20 Hz
– 2 kHz
2 kHz
– 20 kHz
70
50
dB
Note 4
SNR (Signal-to-Noise Ratio) is a ratio of the full-scale output signal level to the noise level with no
signal applied.
Note 5
THD+N (Total Harmonic Distortion plus Noise) is a ratio of the level of the harmonics and noise to the
output signal.
Note 6
PSRR (Power Supply Rejection Ratio) is a measure of the attenuation of a signal on the supply to the
signal at the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com