Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 50 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 50 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 157 page
background image
50
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6
Detailed Description
6.1
Overview
The TPS650830 is a single-chip solution Power Management IC designed specifically for the latest Intel
Processors targeted for Tablets, Ultrabooks, and Notebooks with NVDC or non-NVDC power
architectures, using 2S, 3S, or 4S Lithium-Ion battery packs.
The TPS650830 is used for Volume systems with the low voltage rails merged for the smallest footprint
and lowest cost system power solution.
The TPS650830 can provide the complete power solution based on the Intel Reference Designs. Five
highly efficient step-down voltage regulators (VRs) and a sink/source LDO, are used along with power-up
sequence logic managing external load switches to provide the proper power rails, sequencing, and
protection - including DDR3 and DDR4 memory power. The regulators support dynamic voltage scaling
(DVS) for maximum efficiency including Connected Standby. The high frequency voltage regulators use
small inductors and capacitors to achieve a small solution size. Output power is adjustable on four VR
controllers. An I2C interface allows simple control by the embedded controller (EC). Each version is
available in a 7x7 NFBGA package and a 9x9 NFBGA package. The 7x7 NFBGA package can be used in
Type 4 PCB boards for the smallest area implementation. The 9x9 NFBGA package can be used in Type
3 and Type 4 PCB boards allowing to minimize cost and area.
The Powergood Comparator Logic allows controlling and monitoring up to eight external load switches
within the sequence. All the VR and Load Switch Powergood signals are used in the Powergood Tree of
which the outputs are shown with open-drain outputs. Enable inputs allow connecting externally to set the
sequence, and it also allows using various Sleep Mode State signals. The STANDBYZ allows entering a
Deep Sleep Mode, in which the out put voltages of the voltage regulators can be reduced to save power
by DVS.
The Power Monitoring comparators are used to detect and monitor up to three input power sources
(adapter, battery1, battery2, or any other combination). Over temperature of the PMIC self-protects, and
outputs a Status output, TEMPALERTZ; plus there is a dedicated comparator that can monitor system
over temperature with multiple stacked PTC thermistors, or an NTC thermistor. The PMIC automatically
switches between an internal 3.1-V LDO when a power source is connected; or to a Backup Battery (Coin
Cell) when all power sources are removed. This output RTC rail is used to maintain the always-on RTC
rails for critical register data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com