Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 13 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
13
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
ZAJ
PACKAGE
NUMBER
ZCG
PACKAGE
NUMBER
DEPOPULATED
BALL - FOR VIAS
No
Depopulate
d Balls for
Vias in 7x7.
Type 4 PC
put micro-
vias under
each ball
pad
B3, B4, B6,
B10, B12,
B14, C3,
C5, C7, C9,
C11, C13,
C15, D2,
D4, D6, D8,
D10, D12,
D14, E2,
E3, E5, E7,
E9, E11,
E13, E15,
F2, F4, F6,
F8, F10,
F12, F14,
G3, G5, G7,
G9, G11,
G13, G15,
H2, H4, H6,
H8, H10,
H12, H14,
J3, J5, J7,
J9, J11,
J13, K2, K4,
K6, K8,
K10, K12,
K14, L3, L5,
L7, L9, L11,
L13, L15,
M2, M4,
M6, M8,
M10, M12,
M14, N3,
N5, N7, N9,
N11, N13,
N15, P2,
P4, P6, P8,
P10, P12,
P14, P15,
R3, R5, R7,
R9, R11,
R13,
DEP
OPU
LAT
ED
BAL
L
-
VIA PLACEMENT FOR INTERNAL BALL ROUTES - For Type3
PCBs, put a plated through-hole (PTH) via at each depopulated ball,
to connect to the internal row balls.
DEPOPULATED
BALL - PICK-N-
PLACE INDICATOR
B2
C3 (also
used for via
- see below)
DEP
OPU
LAT
ED
BAL
L
-
PICK-N-PLACE INDICATOR
NC POPULATED
BALL - CORNERS
A1, A13,
N1, N13
A1, A2, B1,
A15, A16,
B16, R16,
T16, T15,
R1, T1, T2
POP
ULA
TED
BAL
L
-
CORNERS - solder to PCB for mechanical strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com