Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 65 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 65 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
PFM Mode at Light Load
PFM Ripple
PWM Mode at Heavy Load
Nominal DC Output Voltage
65
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.13 Converters
The PMIC has 5 built in DCDC converters. The voltage regulators are highly configurable both in terms of
voltage and current. Of the five voltage regulators, four voltage regulators have an external power stage,
with programmable current limit (programmed by an external resistor), which allows optimal selection of
external passive components based on desired system load. VR2 has a completely integrated power
stage, except for the required passive components. To maintain high efficiency, the converters are
implemented as synchronous step down converters.
One additional voltage regulators in the form of Low Drop Out (LDO) linear regulators are integrated as
part of the PMIC. One of the LDOs, LDO1, is capable of sinking and sourcing current that regulates from
the step down controller (for DDR memory). This LDO is designed to specifically provide the VTT power to
DDR memory. Its output voltage tracks the output voltage of the step down controller and is set to regulate
to half of the step down controller voltage.
6.3.13.1 Power Save Mode
At medium and heavy loads, the converter and the controllers operate in a PWM mode. As soon as the
inductor current gets discontinuous, which means that the output current gets lower than half of the
inductor ripple current, the converters enter Power Save Mode. In Power Save Mode the switching
frequency decreases linearly with the load current and maintains a high efficiency. By default, the
converters and controller operate in the AutoPFM mode such that the transition into and out of Power
Save Mode happens within the entire regulation scheme and is seamless in both directions.
Figure 6-14. PFM and PWM Mode Operation
The figure above shows the converter/ controller operation in PFM and PWM mode. In PFM mode the
minimum voltage that the output falls to is the programmed regulation voltage. The output voltage ripple in
PFM mode is determined based on the external passive components (L and C). The regulator ensures
that the minimum voltage during PFM mode is the same as the programmed regulation voltage (within the
AC and DC tolerance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com