Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 10 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 10 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 157 page
background image
10
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
ZAJ
PACKAGE
NUMBER
ZCG
PACKAGE
NUMBER
ENVR1
M12
R15
I
D
VR1 Enable
ENVR2
F11
J14
I
D
VR2 Enable
ENVR3
E9
D11
I
D
VR3 Enable
ENVR4
C2
B2
I
D
VR4 Enable
ENVR5
M2
R2
I
D
VR5 Enable
EN3V3SW
K3
L1
I
D
Enable for load switch from LDO3V pin to VOUT3V3SW output pin
EN5VSW
M5
P7
I
D
Enable Internal load switch from 5-V switching regulator to LDO5V
output through VIN5VSW. Connect to powergood of 5-V switching
regulator.
FBLDO1
D8
F9
I
AS
LDO1 Feedback voltage kelvin sense, (Connect to vout of LDO1 at
output load capacitor)
FBVR1N
J9
K11
I
AS
VR1 Negative feedback remote sense (Connect to GND of VR1 at
output load capacitor)
FBVR1P
K10
J10
I
AS
VR1 Positive feedback remote sense (Connect to vout of VR1 at
output load capacitor)
FBVR2N
E10
G12
I
AS
VR2 Negative feedback remote sense (Connect to GND of VR2 at
output load capacitor)
FBVR2P
G10
G10
I
AS
VR2 Positive feedback remote sense (Connect to vout of VR2 at
output load capacitor)
FBVR3N
D7
E8
I
AS
VR3 Negative feedback remote sense (Connect to GND of VR3 at
output load capacitor)
FBVR3P
C10
F11
I
AS
VR3 Positive feedback remote sense (Connect to vout of VR3 at
output load capacitor)
FBVR4N
D5
E6
I
AS
VR4 Negative feedback remote sense (Connect to GND of VR4 at
output load capacitor)
FBVR4P
C3
F5
I
AS
VR4 Positive feedback remote sense (Connect to vout of VR4 at
output load capacitor)
FBVR5N
L4
H5
I
AS
VR5 Negative feedback remote sense (Connect to GND of VR5 at
output load capacitor)
FBVR5P
G4
J6
I
AS
VR5 Positive feedback remote sense (Connect to vout of VR5 at
output load capacitor)
ILIMVR1
L9
M11
I
AS
VR1 Current limit setting, low-side FET valley current limit
ILIMVR3HS
D10
E12
I
AS
VR3 Current limit setting, high-side FET peak current limit
ILIMVR3LS
C9
E10
I
AS
VR3 Current limit setting, low-side FET valley current limit
ILIMVR4
D2
F3
I
AS
VR4 Current limit setting, low-side FET valley current limit
ILIMVR5HS
K5
M7
I
AS
VR5 Current limit setting, high-side FET peak current limit
ILIMVR5LS
L5
N6
I
AS
VR5 Current limit setting, low-side FET valley current limit
LDO3V
N8
T10
O
AS
3.3-V LDO used as a reference voltage, and as a pull-up supply.
LDO5V
N7
T9
O
AS
5-V internal supply used primarily for the gate drives
LVA
L12
N14
O
D
Level shifter A open-drain output, used for BC_ACOK output level
shifted to EC_VCC. Input is from ACOK pin
LVB
L10
N12
O
D
Level shifter B push-pull output, level shifted to VDDLV. Input is from
ENH pin
NVDC#
H9
K9
I
D
NVDC select [two-level: Low = NVDC, High = non-NVDC]. Connect
NVDC# to GND for NVDC, Connect NVDC# to LDO3V for non-NVDC
PCH_PWRBTNZ
K2
N2
O
D
Power button signal to PCH (Open-drain output) (active low)
PCH_PWROK
E11
G14
O
D
Core and Non Core powergood, Delayed version of
ALL_SYS_PWRGD, (Open-drain output)
PGA
D6
C12
O
D
Powergood comparator output, push-pull to VDDPG
PGB
C5
A10
O
D
Powergood comparator output, push-pull to VDDPG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com