Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIFE32251B-R68MS Datasheet(PDF) 61 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 61 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 57Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 58Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 59Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 157 page
background image
When SLP_S0# is Lo, the device is in Connected Standby Mode,
which is now called Instant GO mode.
SLP_S0#
STANDBYZ
All VRs
* Select Vout
* Control PWM
Vout
DVS Mode
SLP_S0#
Normal Mode
time
Vout
DVS Lower
Vout
Low
Power
Mode
Vout
Decay VR
stops switching,
Vout decays
with load
Optimized
Ramp-up
<100us
(STANDBYZ)
DECAY Mode
(only VCCIO has
Decay
)
Optimized
Ramp-down
<100us
0
0
0
61
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.10 Low Power Mode (LPM) / Connected Standby / Instant Go of VRs
All the Voltage regulators from the PMIC can be programmed by register to change the voltage in active
mode, or to change to a lower voltage or decay in the low power mode. This can be used to save system
power and extend battery life. And such capability is useful to meet the Connected Standby and Instant
Go specifications. The STANDBYZ pin triggers low power mode (LPM) when low. The STANDBYZ
triggers active mode (not in LPM) when high. Connect the SLP_S0# signal from the PCH to the
STANDBYZ pin to trigger the low power mode, LPM. The default settings can be changed by the user with
the I2C register at any time.
Figure 6-10. Low Power Mode (LPM) / Connected Standby / Instant Go of VRs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com