Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3134 Datasheet(PDF) 85 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 85 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 81Page - Dallas Semiconductor DS3134 Datasheet HTML 82Page - Dallas Semiconductor DS3134 Datasheet HTML 83Page - Dallas Semiconductor DS3134 Datasheet HTML 84Page - Dallas Semiconductor DS3134 Datasheet HTML 85Page - Dallas Semiconductor DS3134 Datasheet HTML 86Page - Dallas Semiconductor DS3134 Datasheet HTML 87Page - Dallas Semiconductor DS3134 Datasheet HTML 88Page - Dallas Semiconductor DS3134 Datasheet HTML 89Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 203 page
background image
DS3134
85 of 203
Bit 6 / Transmit Corrupt FCS (TCFCS). When this bit is set low, the HDLC engine will allow the
Frame Checksum Sequence (FCS) to be transmitted as generated. When this bit is set high, the HDLC
engine will invert all the bits of the FCS before transmission occurs. This is useful in debugging and
testing HDLC channels at the system level.
0 = generate FCS normally
1 = invert all FCS bits
Bit 7 / Transmit Abort Enable (TABTE). When this bit is set low, the HDLC engine will perform
normally only sending an Abort sequence (eight ones in a row) when an error occurs in the PCI Block or
the FIFO underflows. When this bit is set high, the HDLC engine will continuously transmit an all ones
pattern (i.e. an Abort sequence). This bit is still active when the HDLC engine is configured in the
Transparent Mode (TTRANS = 1).
Bits 8 to 11/ Transmit Flag Generation Bits 0 to 3 (TFG0/TFG1/TFG2/TFG3).
These 4 bits
determine how many flags and interfill bytes will be sent in between consecutive packets.
TFG3
TFG2
TFG1
TFG0
Action
0
0
0
0
share closing and opening flag
0
0
0
1
closing flag / no interfill bytes / opening flag
0
0
1
0
closing flag / 1 interfill bytes / opening flag
0
0
1
1
closing flag / 2 interfill bytes / opening flag
0
1
0
0
closing flag / 3 interfill bytes / opening flag
0
1
0
1
closing flag / 4 interfill bytes / opening flag
0
1
1
0
closing flag / 5 interfill bytes / opening flag
0
1
1
1
closing flag / 6 interfill bytes / opening flag
1
0
0
0
closing flag / 7 interfill bytes / opening flag
1
0
0
1
closing flag / 8 interfill bytes / opening flag
1
0
1
0
closing flag / 9 interfill bytes / opening flag
1
0
1
1
closing flag / 10 interfill bytes / opening flag
1
1
0
0
closing flag / 11 interfill bytes / opening flag
1
1
0
1
closing flag / 12 interfill bytes / opening flag
1
1
1
0
closing flag / 13 interfill bytes / opening flag
1
1
1
1
closing flag / 14 interfill bytes / opening flag
Bit 12 / Transmit Zero Stuffing Disable (TZSD). When this bit is set low, the HDLC engine will
perform zero stuffing on the outgoing data stream. When this bit is set high, the outgoing data stream is
not zero stuffed. This bit is ignored when the HDLC engine is configured in the Transparent Mode
(TTRANS = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com