Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3134 Datasheet(PDF) 118 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 118 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 114Page - Dallas Semiconductor DS3134 Datasheet HTML 115Page - Dallas Semiconductor DS3134 Datasheet HTML 116Page - Dallas Semiconductor DS3134 Datasheet HTML 117Page - Dallas Semiconductor DS3134 Datasheet HTML 118Page - Dallas Semiconductor DS3134 Datasheet HTML 119Page - Dallas Semiconductor DS3134 Datasheet HTML 120Page - Dallas Semiconductor DS3134 Datasheet HTML 121Page - Dallas Semiconductor DS3134 Datasheet HTML 122Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 203 page
background image
DS3134
118 of 203
- HOST MUST CONFIGURE -
dword 2; Bits 1 & 2 / Buffer Size Select. These bits are controlled by the host to select the manner in
which the Receive DMA will store incoming packet data.
00 = use large size data buffers only
01 = use small size data buffers only
10 = fill a small buffer first followed then by large buffers as needed
11 = illegal state and should not be selected
- HOST MUST CONFIGURE -
dword 2; Bits 3 to 6 / Buffer Offset. These 4 bits are controlled by the host to determine if the packet
data written into the first data buffer should be offset by up to 15 bytes. This allows the host complete
control over the manner in which data will be written into main memory.
0000 (0h) = 0 byte offset from the data buffer address of the first data buffer
0001 (1h) = 1 byte offset from the data buffer address of the first data buffer
1111 (Fh) = 15 byte offset from the data buffer address of the first data buffer
- HOST MUST CONFIGURE -
dword 2; Bits 7 to 9 / Threshold. These 3 bits are controlled by the host to determine when the DMA
should write into the Done Queue that data is available for processing.
000 = DMA should write to the Done Queue only after packet reception is complete
001 = DMA should write to the Done Queue after 1 data buffer has been filled
010 = DMA should write to the Done Queue after 2 data buffers have been filled
011 = DMA should write to the Done Queue after 3 data buffers have been filled
100 = DMA should write to the Done Queue after 4 data buffers have been filled
101 = DMA should write to the Done Queue after 5 data buffers have been filled
110 = DMA should write to the Done Queue after 6 data buffers have been filled
111 = DMA should write to the Done Queue after 7 data buffers have been filled
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 10 to 14 / DMA Reserved. Could be any value when read. Should be set to zero when
written to by the Host.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 2; Bit 15 / First Buffer Fill (FBF). This bit will be set to a one by the Receive DMA when it is in
the process of filling the first buffer of a packet. This bit is used by the DMA to know when to switch to
Large Buffers when the Buffer Size Select field is set to 10.
- FOR DMA USAGE ONLY / HOST CAN ONLY READ THIS FIELD -
dword 2; Bits 16 to 28 / Byte Count. The DMA uses these 13 bits to keep track of the number of bytes
stored in the data buffer. Maximum is 8191 bytes (0000h =0 bytes / 1FFFh = 8191 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com