Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3134 Datasheet(PDF) 163 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 163 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 159Page - Dallas Semiconductor DS3134 Datasheet HTML 160Page - Dallas Semiconductor DS3134 Datasheet HTML 161Page - Dallas Semiconductor DS3134 Datasheet HTML 162Page - Dallas Semiconductor DS3134 Datasheet HTML 163Page - Dallas Semiconductor DS3134 Datasheet HTML 164Page - Dallas Semiconductor DS3134 Datasheet HTML 165Page - Dallas Semiconductor DS3134 Datasheet HTML 166Page - Dallas Semiconductor DS3134 Datasheet HTML 167Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 203 page
background image
DS3134
163 of 203
SECTION 10: LOCAL BUS
10.1 LOCAL BUS GENERAL DESCRIPTION
The Local Bus can operate in two modes, as a PCI Bridge (master mode) and as a Configuration Bus
(slave mode). This selection is made in hardware by tying the LMS pin high or low. Figures 10.1A
through 10.1C describe the two modes. Figure 10.1A shows an example of the Local Bus being operated
in the PCI Bridge Mode. In this example, the Host can access the control ports on the T1/E1 devices via
the Local Bus.
Figure 10.1B also shows an example of the PCI Bridge Mode but in this example, the Local Bus
Arbitration is enabled which allows a Local CPU to control when the Host can have access to the Local
Bus. To access the Local Bus, the Host must first request the bus and then wait until it is granted.
Figure 10.1C displays an example of the Configuration Mode. In this mode, the CPU on the Local Bus
will configure and monitor the DS3134. In this mode, the Host on the PCI/Custom Bus cannot access the
DS3134 and the PCI/Custom Bus is only used to transfer HDLC packet data to and from the Host.
Table 10.1A lists all of the Local Bus pins and their application in both operating modes. The Local Bus
operates only in a non-multiplexed fashion; it is not capable of operating as a multiplexed bus. For both
operating modes, the Local Bus can be set up for either Intel or Motorola type busses. This selection is
made in hardware by tying the LIM pin high or low.
Local Bus Signals Table 10.1A
Signal Name
Signal Description
PCI Bridge Mode
(LMS = 0)
Configuration Mode
(LMS = 1)
LD[0:15]
Data Bus
Input on Read /
Output on Write
Input on Write /
Output on Read
LA[0:19]
Address Bus
Output
Input
LWR*(LR/W*)
Bus Write (Read/Write Select)
Output
Input
LRD*(LDS*)
Bus Read (Data Strobe)
Output
Input
LBHE*
Byte High Enable
Output
Tri-Stated
LIM
Intel/Motorola Select
Input
Input
LINT*
Interrupt
Input
Output
LMS
Mode Select
Input
Input
LCLK
Bus Clock
Output
Tri-Stated
LRDY*
Bus Ready
Input
Ignored
LCS*
Chip Select
Ignored
Input
LHOLD(LBR*)
Hold Request (Bus Request)
Output
Tri-Stated
LHLDA(LBG*)
Hold Acknowledge (Bus Grant)
Input
Ignored
LBGACK*
Bus Acknowledge
Output
Tri-Stated
Notes:
1. Signals shown in parenthesis () are active when Motorola Mode (LIM = 1) is selected.
2. Signals suffixed with an asterisk (*) are active low signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com