Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3134 Datasheet(PDF) 169 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 169 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 165Page - Dallas Semiconductor DS3134 Datasheet HTML 166Page - Dallas Semiconductor DS3134 Datasheet HTML 167Page - Dallas Semiconductor DS3134 Datasheet HTML 168Page - Dallas Semiconductor DS3134 Datasheet HTML 169Page - Dallas Semiconductor DS3134 Datasheet HTML 170Page - Dallas Semiconductor DS3134 Datasheet HTML 171Page - Dallas Semiconductor DS3134 Datasheet HTML 172Page - Dallas Semiconductor DS3134 Datasheet HTML 173Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 203 page
background image
DS3134
169 of 203
10.2 LOCAL BUS BRIDGE MODE CONTROL REGISTER DESCRIPTION
Register Name:
LBBMC
Register Description: Local Bus Bridge Mode Control Register
Register Address:
0040h
Note: This register can only be accessed via the PCI Bus and hence only in the PCI Bridge Mode. In the
Configuration Mode, this register cannot be accessed. It will be set to all zeros upon a hardware reset
issued via the PRST* pin. It will not be affected by a software reset issued via the RST control bit in the
Master Reset and ID (MRID) register.
76
5432
10
n/a
LBW
LRDY3
LRDY2
LRDY1
LRDY0
LARBE
LCLKE
15
14
13
12
11
10
9
8
n/a
n/a
n/a
n/a
LAT3
LAT2
LAT1
LAT0
Note: Bits that are underlined are read only, all other bits are read-write; default value for all bits is 0.
Bit 0 / Local Bus Clock Enable (LCLKE).
0 = tri-state the LCLK output signal pin
1 = allow LCLK to appear at the pin
Bit 1 / Local Bus Arbitration Enable (LARBE). When enabled, the LHOLD(LBR*), LBGACK*, and
LHLDA(LBG*) signal pins are active and the proper arbitration handshake sequence must occur for a
proper bus transaction. When disabled, the LHOLD(LBR*), LBGACK* and LHLDA(LBG*) signal pins
are deactivated and bus arbitration on the Local Bus is not invoked. In addition, the Arbitration Timer is
enabled (see the description of the LAT0 to LAT3 bits) when LARBE is set to a one.
0 = Local Bus Arbitration is disabled
1 = Local Bus Arbitration is enabled
Bit 2 / Local Bus Ready Control Bit 0 (LRDY0). lsb
Bit 3 / Local Bus Ready Control Bit 1 (LRDY1).
Bit 4 / Local Bus Ready Control Bit 2 (LRDY2).
Bit 5 / Local Bus Ready Control Bit 3 (LRDY3). msb
These control bits determine the duration of the Local Bus transaction in the PCI Bridge Mode. The bus
transaction can either be control via the external LRDY* input signal or via a predetermined period of 1
to 11 LCLK periods.
0000 = use the LRDY* signal input pin to control the bus transaction
0001 = bus transaction is defined as 1 LCLK period
0010 = bus transaction is defined as 2 LCLK periods
0011 = bus transaction is defined as 3 LCLK periods
0100 = bus transaction is defined as 4 LCLK periods
0101 = bus transaction is defined as 5 LCLK periods
0110 = bus transaction is defined as 6 LCLK periods
0111 = bus transaction is defined as 7 LCLK periods
1000 = bus transaction is defined as 8 LCLK periods
1001 = bus transaction is defined as 9 LCLK periods
1010 = bus transaction is defined as 10 LCLK periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com