Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3134 Datasheet(PDF) 189 Page - Dallas Semiconductor

Part # DS3134
Description  Chateau Channelized T1 And E1 And HDLC Controller
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3134 Datasheet(HTML) 189 Page - Dallas Semiconductor

Back Button DS3134 Datasheet HTML 185Page - Dallas Semiconductor DS3134 Datasheet HTML 186Page - Dallas Semiconductor DS3134 Datasheet HTML 187Page - Dallas Semiconductor DS3134 Datasheet HTML 188Page - Dallas Semiconductor DS3134 Datasheet HTML 189Page - Dallas Semiconductor DS3134 Datasheet HTML 190Page - Dallas Semiconductor DS3134 Datasheet HTML 191Page - Dallas Semiconductor DS3134 Datasheet HTML 192Page - Dallas Semiconductor DS3134 Datasheet HTML 193Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 203 page
background image
DS3134
189 of 203
SECTION 12: AC CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Lead with Respect to VSS (except VDD)
-0.3V to 5.5V
Supply Voltage (VDD) with Respect to VSS
-0.3V to 3.63V
Operating Temperature
0C to +70C
Storage Temperature
-55C to +125C
Soldering Temperature
See J-STD-020A specification
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
Note: The typical values listed below are not production tested.
RECOMMEND DC OPERATING CONDITIONS
(0
°C TO +70°C)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Logic 1
VIH
2.0
5.5
V
Logic 1 (Schmitt Input for PCLK)
VIHS
1.7
5.5
V
Logic 0
VIL
-0.3
0.8
V
Logic 0 (Schmitt Input for PCLK)
VILS
-0.3
0.7
V
Supply
VDD
3.0
3.6
V
DC CHARACTERISTICS
(0
°C TO +70°C; VDD = 3.0V TO 3.6V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Supply Current @ VDD = 3.6V
IDD
TBD
ma
1
Lead Capacitance
CIO
7
pF
Schmitt Hysteresis
VTH
0.6
V
Input Leakage
IIL
-10
+10
uA
2
Input Leakage (w/ pull-ups)
IILP
-500
+500
uA
2
Output Leakage
ILO
-10
+10
uA
3
Output Current (2.4V)
IOH
-4.0
mA
Output Current (0.4V)
IOL
+4.0
mA
Notes:
1. RC0 to RC15 and TC0 to TC15 = 2.048 MHz / PCLK = 33 MHz / other inputs at VDD or grounded /
other outputs left open circuited.
2. 0V < VIN < VDD.
3. Outputs in Tri-State.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com