Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1187 Datasheet(PDF) 26 Page - Microchip Technology

Part # EMC1187
Description  Triple Channel 1째C Temperature Sensor with Hardware
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1187 Datasheet(HTML) 26 Page - Microchip Technology

Back Button EMC1187 Datasheet HTML 22Page - Microchip Technology EMC1187 Datasheet HTML 23Page - Microchip Technology EMC1187 Datasheet HTML 24Page - Microchip Technology EMC1187 Datasheet HTML 25Page - Microchip Technology EMC1187 Datasheet HTML 26Page - Microchip Technology EMC1187 Datasheet HTML 27Page - Microchip Technology EMC1187 Datasheet HTML 28Page - Microchip Technology EMC1187 Datasheet HTML 29Page - Microchip Technology EMC1187 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Triple Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
26
SMSC EMC1187
DATASHEET
0Bh
R/W
Internal Diode High
Limit
Stores the 8-bit high limit for the
Internal Diode (mirrored at address
05h)
55h
(85°C)
Page 31
0Ch
R/W
Internal Diode Low
Limit
Stores the 8-bit low limit for the
Internal Diode (mirrored at address
06h)
00h
(0°C)
0Dh
R/W
External Diode High
Limit High Byte
Stores the integer portion of the
high limit for External Diode
(mirrored at register 07h)
55h
(85°C)
0Eh
R/W
External Diode Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode
(mirrored at register 08h)
00h
(0°C)
10h
R
External Diode Data
Low Byte
Stores the fractional data for
External Diode
00h
Page 28
11h
R/W
Scratchpad
Scratchpad register for software
compatibility
00h
Page 32
12h
R/W
Scratchpad
Scratchpad register for software
compatibility
00h
Page 32
13h
R/W
External Diode High
Limit Low Byte
Stores the fractional portion of the
high limit for External Diode
00h
Page 31
14h
R/W
External Diode Low
Limit Low Byte
Stores the fractional portion of the
low limit for External Diode
00h
15h
R/W
External Diode 2
High Limit High Byte
Stores the integer portion of the
high limit for External Diode 2
55h
(85°C)
Page 31
16h
R/W
External DIode 2 Low
Limit High Byte
Stores the integer portion of the
low limit for External Diode 2
00h
(0°C)
17h
R/W
External Diode 2
High Limit Low Byte
Stores the fractional portion of the
high limit External Diode 2
00h
Page 31
18h
R/W
External Diode 2 Low
Limit Low Byte
Stores the fractional portion of the
low limit for External Diode 2
00h
19h
R/W
External Diode
Therm Limit
Stores the 8-bit critical temperature
limit for External Diode
55h
(85°C)
Page 33
1Ah
R/W
External Diode 2
Therm Limit
Stores the 8-bit critical temperature
limit for External Diode 2
55h
(85°C)
Page 33
1Bh
R-C
External Diode Fault
Stores status bits indicating which
external diode detected a diode
fault
00h
Page 33
1Dh
R/W
SYS_SHDN
Configuration
Controls which software channels,
if any, are linked to the
SYS_SHDN pin
00h
Page 33
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com