Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1187 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1187
Description  Triple Channel 1째C Temperature Sensor with Hardware
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1187 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1187 Datasheet HTML 30Page - Microchip Technology EMC1187 Datasheet HTML 31Page - Microchip Technology EMC1187 Datasheet HTML 32Page - Microchip Technology EMC1187 Datasheet HTML 33Page - Microchip Technology EMC1187 Datasheet HTML 34Page - Microchip Technology EMC1187 Datasheet HTML 35Page - Microchip Technology EMC1187 Datasheet HTML 36Page - Microchip Technology EMC1187 Datasheet HTML 37Page - Microchip Technology EMC1187 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Triple Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
34
SMSC EMC1187
DATASHEET
The Software Thermal Shutdown Configuration Register controls whether any of the software channels
will assert the SYS_SHDN pin. If a channel is enabled, the temperature is compared against the
corresponding Therm Limit. If the measured temperature exceeds the Therm Limit, the SYS_SHDN
pin is asserted. This functionality is in addition to the Hardware Shutdown circuitry.
Bit 2 - E2SYS - Configures the External Diode 2 channel to assert the SYS_SHDN pin based on its
Therm Limit.
‘0’ (default) - The External Diode 2 channel is not linked to the SYS_SHDN pin. If the temperature
exceeds its Therm Limit, the E2THERM status bit is set but the SYS_SHDN pin is not asserted.
‘1’ - The External Diode 2 channel is linked to the SYS_SHDN pin. If the temperature exceeds its
Therm Limit, the E2THERM status bit is set and the SYS_SHDN pin is asserted. It will remain
asserted until the temperature drops below its Therm Limit minus the Therm Hysteresis.
Bit 1 - EXT1SYS - configures the External Diode 1 channel to assert the SYS_SHDN pin based on its
Therm Limit.
‘0’ (default) - The External Diode 1 channel is not linked to the SYS_SHDN pin. If the temperature
exceeds the Therm Limit, the E1THERM status bit is set but the SYS_SHDN pin is not asserted.
‘1’ - The External Diode 1 channel is linked to the SYS_SHDN pin. If the temperature exceeds its
Therm Limit, the E1THERM status bit is set and the SYS_SHDN pin is asserted. It will remain
asserted until the temperature drops below its Therm Limit minus the Therm Hysteresis.
Bit 0 - INTSYS - Configures the Internal Diode channel to assert the SYS_SHDN pin based on its
Therm Limit.
‘0’ (default) - The Internal Diode channel is not linked to the SYS_SHDN pin. If the temperature
exceeds its Therm Limit, the ITHERM status bit is set but the SYS_SHDN pin is not asserted.
‘1’ - The Internal Diode channel is linked to the SYS_SHDN pin. If the temperature exceeds its
Therm Limit, the ITHERM status bit is set and the SYS_SHDN pin is asserted. It will remain
asserted until the temperature drops below its Therm Limit minus the Therm Hysteresis.
6.11
Hardware Thermal Shutdown Limit Register 1Eh
This read only register returns the Hardware Thermal Shutdown Limit selected by the value of the pull-
up resistors on the ALERT and SYS_SHDN pins. The data represents the hardware set temperature
in °C using the active temperature setting set by the RANGE bit in the Configuration Register. See
Table 5.3, "Temperature Data Format" for the data format.
When the External Diode 1 Temperature exceeds this limit, the SYS_SHDN pin is asserted and will
remain asserted until the External Diode 1 Temperature drops below this limit minus 10°C.
Table 6.12 Hardware Thermal Shutdown Limit Register
ADDR.
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
1Eh
R
Hardware
Thermal
Shutdown Limit
128
64
32
16
8
4
2
1
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com