Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1187 Datasheet(PDF) 18 Page - Microchip Technology

Part # EMC1187
Description  Triple Channel 1째C Temperature Sensor with Hardware
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1187 Datasheet(HTML) 18 Page - Microchip Technology

Back Button EMC1187 Datasheet HTML 14Page - Microchip Technology EMC1187 Datasheet HTML 15Page - Microchip Technology EMC1187 Datasheet HTML 16Page - Microchip Technology EMC1187 Datasheet HTML 17Page - Microchip Technology EMC1187 Datasheet HTML 18Page - Microchip Technology EMC1187 Datasheet HTML 19Page - Microchip Technology EMC1187 Datasheet HTML 20Page - Microchip Technology EMC1187 Datasheet HTML 21Page - Microchip Technology EMC1187 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Triple Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
18
SMSC EMC1187
DATASHEET
When enabled, the dynamic averaging applies when a one-shot command is issued. The device will
perform the desired averaging during the one-shot operation according to the selected conversion rate.
When enabled, the dynamic averaging will affect the average supply current based on the chosen
conversion rate as shown in Table 5.1
.
5.3
.
SYS_SHDN Output
The SYS_SHDN output is asserted independently of the ALERT output and cannot be masked. If the
External Diode 1 temperature exceeds the Hardware Thermal Shutdown Limit for the programmed
number of consecutive measurements, the SYS_SHDN pin is asserted.
The Hardware Thermal Shutdown Limit is defined at power-up via the pull-up resistors on the
SYS_SHDN and ALERT pins as shown in Table 5.2. This limit cannot be modified or masked via
software.
In addition to External Diode 1 channel triggering the SYS_SHDN pin when the measured temperature
exceeds to the Hardware Thermal Shutdown Limit, each of the measurement channels can be
configured to assert the SYS_SHDN pin when they exceed the corresponding THERM Limit.
When the SYS_SHDN pin is asserted, it will not release until the External Diode 1 temperature drops
below the Hardware Thermal Shutdown Limit minus 10°C and all other measured temperatures drop
below the THERM Limit minus the THERM Hysteresis value (when linked to SYS_SHDN).
Figure 5.2 shows a block diagram of the interaction between the input channels and the SYS_SHDN
pin.
Table 5.1 Supply Current vs. Conversion Rate for EMC1187
CONVERSION RATE
AVERAGE SUPPLY CURRENT
(TYPICAL)
AVERAGING FACTOR (BASED ON
11-BIT OPERATION)
ENABLED
(DEFAULT)
DISABLED
ENABLED
(DEFAULT)
DISABLED
1 / 16 sec
230uA
220uA
16x
1x
1 / 8 sec
275uA
220uA
16x
1x
1 / 4 sec
350uA
220uA
16x
1x
1 / 2 sec
405uA
220uA
16x
1x
1 / sec
480uA
250uA
8x
1x
2 / sec
850uA
290uA
4x
1x
4 / sec (default)
890uA
370uA
2x
1x
8 / sec
970uA
525uA
1x
1x
16 / sec
990uA
690uA
0.5x
0.5x
32 / sec
1030uA
1050uA
0.25x
0.25x
64 / sec
1500uA
1100uA
0.125x
0.125x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com