Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1187 Datasheet(PDF) 27 Page - Microchip Technology

Part # EMC1187
Description  Triple Channel 1째C Temperature Sensor with Hardware
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1187 Datasheet(HTML) 27 Page - Microchip Technology

Back Button EMC1187 Datasheet HTML 23Page - Microchip Technology EMC1187 Datasheet HTML 24Page - Microchip Technology EMC1187 Datasheet HTML 25Page - Microchip Technology EMC1187 Datasheet HTML 26Page - Microchip Technology EMC1187 Datasheet HTML 27Page - Microchip Technology EMC1187 Datasheet HTML 28Page - Microchip Technology EMC1187 Datasheet HTML 29Page - Microchip Technology EMC1187 Datasheet HTML 30Page - Microchip Technology EMC1187 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Triple Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1187
27
Revision 1.0 (07-11-13)
DATASHEET
1Eh
R
Hardware Thermal
Shutdown Limit
When read, returns the selected
Hardware Thermal Shutdown Limit
N/A
Page 34
1Fh
R/W
Channel Mask
Register
Controls the masking of individual
channels
00h
Page 35
20h
R/W
Internal Diode Therm
Limit
Stores the 8-bit critical temperature
limit for the Internal Diode
55h
(85°C
Page 33
21h
R/W
Therm Hysteresis
Stores the 8-bit hysteresis value
that applies to all Therm limits
0Ah
(10°C)
22h
R/W
Consecutive ALERT
Controls the number of out-of-limit
conditions that must occur before
an interrupt is asserted
70h
Page 35
23h
R
External Diode 2
Data High Byte
Stores the integer data for External
Diode 2
00h
Page 28
24h
R
External Diode 2
Data Low Byte
Stores the fractional data for
External Diode 2
00h
26h
R/W
External Diode 2
Beta Configuration
Stores the Beta Compensation
circuitry settings for External Diode
2
08h(EMC1
187)
07h
Page 38
27h
R/W
External Diode
Ideality Factor
Stores the ideality factor for
External Diode
12h
(1.008)
Page 38
28h
R/W
External Diode 2
Ideality Factor
Stores the ideality factor for
External Diode 2
12h
(1.008)
Page 38
29h
R
Internal Diode Data
Low Byte
Stores the fractional data for the
Internal Diode
00h
Page 28
35h
R-C
High Limit Status
Status bits for the High Limits
00h
Page 40
36h
R-C
Low Limit Status
Status bits for the Low Limits
00h
Page 40
37h
R
Therm Limit Status
Status bits for the Therm Limits
00h
Page 41
40h
R/W
Filter Control
Controls the digital filter setting for
the External Diode channel
00h
Page 41
FDh
R
Product ID
(EMC1823)
Stores a fixed value that identifies
the device
23h
Page 42
FEh
R
Manufacturer ID
Stores a fixed value that
represents SMSC
5Dh
Page 42
FFh
R
Revision
Stores a fixed value that
represents the revision number
07h
Page 42
Table 6.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com