Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8853 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8853_16 Datasheet HTML 4Page - ON Semiconductor NCV8853_16 Datasheet HTML 5Page - ON Semiconductor NCV8853_16 Datasheet HTML 6Page - ON Semiconductor NCV8853_16 Datasheet HTML 7Page - ON Semiconductor NCV8853_16 Datasheet HTML 8Page - ON Semiconductor NCV8853_16 Datasheet HTML 9Page - ON Semiconductor NCV8853_16 Datasheet HTML 10Page - ON Semiconductor NCV8853_16 Datasheet HTML 11Page - ON Semiconductor NCV8853_16 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCV8853
www.onsemi.com
8
THEORY OF OPERATION
Oscillator
S
R
Q
+
Slope
Compensation
NCV885300
VIN
ISNS
Current Information
Voltage Error
Vout
GDRV
Compensation
CO
L
CSA
VEA
PWM
COMPARATOR
GATE
DRIVE
-
+
Figure 13. Current Mode Control Schematic
COMP
FB
−
+
RSNS
RLOAD
VREF
Current Mode Control
The NCV8853 SMPS incorporates a current mode control
scheme, in which the PWM ramp signal is derived from the
power switch current. This ramp signal is compared to the
output of the error amplifier to control the on−time of the
power switch. The oscillator is used as a fixed−frequency
clock to ensure a constant operational frequency. The
resulting control scheme features several advantages over
conventional voltage mode control. First, derived from the
resistor in the power path, the signal responds immediately
to line voltage changes. This eliminates the delay caused by
the output filter and error amplifier, which is commonly
found in voltage mode controllers. The second benefit
comes from inherent pulse−by−pulse current limiting by
merely clamping the peak switching current. Finally, since
current mode commands an output current rather than
voltage, the filter offers only a single pole to the feedback
loop. This allows for a simpler compensation.
The NCV8853 also includes a slope compensation
scheme in which a fixed ramp generated by the oscillator is
added to the current ramp. A proper slope rate is provided to
improve circuit stability without sacrificing the advantages
of current mode control.
Overcurrent Protection
The NCV8853 features two current limit protections:
peak current mode and overcurrent hiccup mode. When the
current sense amplifier detects a voltage above the peak
current limit between VIN and ISNS after the current limit
leading edge blanking time, the peak current limit causes the
power switch to turn off for the remainder of the cycle. Set
the current limit with a resistor from VIN to ISNS, with R =
0.100 / Ilimit.
If the voltage across the current sense resistor exceeds the
overcurrent threshold voltage the part enters overcurrent
hiccup mode. The part will remain off for the hiccup time
and then go through the power on reset procedure.
Short Circuit Hiccup Protection
When the output voltage falls below the short circuit trip
voltage the part enters short circuit latch off. When a short
is detected the NCV8853 disables the outputs and attempts
to re−enable the outputs after the short circuit hiccup time.
The part remains off for the hiccup time and then goes
through the power on reset procedure. If the short has been
removed then the output stage re−enables and operates
normally; however, if the short is still present the cycle
begins again. Internal heat dissipation is kept to a minimum
as current will only flow during the reset time of the
protection circuitry. The hiccup mode is continuous until the
short is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com