Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8853 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCV8853_16 Datasheet HTML 4Page - ON Semiconductor NCV8853_16 Datasheet HTML 5Page - ON Semiconductor NCV8853_16 Datasheet HTML 6Page - ON Semiconductor NCV8853_16 Datasheet HTML 7Page - ON Semiconductor NCV8853_16 Datasheet HTML 8Page - ON Semiconductor NCV8853_16 Datasheet HTML 9Page - ON Semiconductor NCV8853_16 Datasheet HTML 10Page - ON Semiconductor NCV8853_16 Datasheet HTML 11Page - ON Semiconductor NCV8853_16 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCV8853
www.onsemi.com
10
DESIGN METHODOLOGY
Choosing external components for the NCV8853
encompasses the following design process:
1. Define operational parameters
2. Select switching frequency
3. Select current sensor
4. Select a MOSFET
5. Select a diode
6. Select output inductor
7. Select output capacitors
8. Select compensator components
(1) Operating Parameter Definition
First, select feedback resistors to choose the output
voltage as follows:
V
OUT + VREF @
R
1 ) R2
R
2
where:
VOUT: desired output voltage
R1: upper feedback resistor (between VOUT and FB) [
W]
R2: lower feedback resistor (between FB and GND) [
W]
For a 5.0 V output, set R1 to 42.2 k
W and R2 to 8.06 kW.
Certain operating parameters must be defined before
proceeding with the rest of the design. These are application
dependent and include the following:
VIN: input voltage, range from minimum to maximum
with a typical value [V]
IOUT: output current, range from minimum to maximum
with an initial startup value
ICL: desired typical current limit
A number of basic calculations must be performed up front
to use in the design process, as follows:
D
MIN +
V
OUT
V
IN(max)
D
+
V
OUT
V
IN(typ)
D
MAX +
V
OUT
V
IN(min)
where:
DMIN: minimum duty cycle (ideal) [%]
VIN(max): maximum input voltage [V]
D: typical duty cycle (ideal) [%]
VIN(typ): typical input voltage [V]
DMAX: maximum duty cycle (ideal) [%]
VIN(min): minimum input voltage [V]
(2) Switching Frequency Selection
Selecting the switching frequency is a trade−off between
component size and power losses. Operation at higher
switching frequencies allows the use of smaller inductor and
capacitor values to achieve the same inductor current ripple
and output voltage ripple. However, increasing the
frequency increases the switching losses of the MOSFETs,
leading to decreased efficiency, especially noticeable at light
loads.
Typically, the switching frequency is selected to avoid
interfering with signals of known frequencies. Using the
EN/SYNC pin, the NCV8853 can be synced to frequencies
from 80% to 300% of the nominal frequency (340 kHz).
(3) Current Sensor Selection
Current sensing for peak current mode control relies on
the inductor current signal. This is translated into a voltage
via a current sense resistor, which is then measured
differentially by the current sense amplifier, generating a
single−ended output to use as a signal. The easiest means of
implementing this transresistance is through the use of a
sense resistor in series with the source of the MOSFET and
VIN. A sense resistor should be calculated as follows:
R
SNS +
V
CL
I
CL
where:
RSNS: sense resistor [
W]
VCL: current limit threshold voltage [V]
ICL: desired cycle−by−cycle current limit [A]
(4) MOSFET Selection
The NCV8853 has been designed to work with a
P−channel
MOSFET
in
a
non−synchronous
buck
configuration. The MOSFET needs to be capable of
handling the maximum allowable current in the system, ICL.
Keep in mind that, depending on your minimum VIN signal,
it is possible to achieve 100% duty cycle. The power
dissipated through the MOSFET during conduction is as
follows:
P
MOS,on + ICL
2
@ D
MAX @ rDS,on
where:
PMOS,on: power through MOSFET [
W]
ICL: cycle−by−cycle current limit [A]
rDS,on: on−resistance of the MOSFET [
W]
To calculate the switching losses through the MOSFET, use
the following equation:
P
MOS,sw +
1
2
V
IN @ IOUT @ ton ) toff @ FSW
ton + toff +
Q
Gate
I
drv
where:
PMOS, sw: MOSFET switching losses [W]
ton: time to turn on the MOSFET [s]
toff: time to turn off the MOSFET [s]
QGate: gate charge [C]
Idrv: gate drive current [A]
(5) Diode Selection
The diode must be chosen according to its maximum
current and voltage ratings, and to thermal considerations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com