Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8853 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8853_16 Datasheet HTML 1Page - ON Semiconductor NCV8853_16 Datasheet HTML 2Page - ON Semiconductor NCV8853_16 Datasheet HTML 3Page - ON Semiconductor NCV8853_16 Datasheet HTML 4Page - ON Semiconductor NCV8853_16 Datasheet HTML 5Page - ON Semiconductor NCV8853_16 Datasheet HTML 6Page - ON Semiconductor NCV8853_16 Datasheet HTML 7Page - ON Semiconductor NCV8853_16 Datasheet HTML 8Page - ON Semiconductor NCV8853_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2016
October, 2016 − Rev. 5
1
Publication Order Number:
NCV8853/D
NCV8853
Automotive Grade
Non-Synchronous Buck
Controller
The NCV8853 is an adjustable−output non−synchronous buck
controller which drives an external P−channel MOSFET. The device
uses peak current mode control with internal slope compensation. The
IC incorporates an internal regulator that supplies charge to the gate
driver.
Protection features include internal soft−start, undervoltage lockout,
cycle−by−cycle current limit, hiccup−mode overcurrent protection,
hiccup−mode short−circuit protection.
Additional features include: power good signal, low quiescent
current sleep mode and externally synchronizable switching
frequency.
Features
• Ultra Low Iq Sleep Mode
• Adjustable Output with 800 mV ±2.0% Reference Voltage
• Wide Input of 3.1 to 44 V with Undervoltage Lockout (UVLO)
• Power Good (PG)
• Internal Soft−Start (SS)
• Fixed−Frequency Peak Current Mode Control
• Internal Slope Compensating Artificial Ramp
• Internal High−Side PMOS Gate Driver
• Regulated Gate Driver Current Source
• External Frequency Synchronization (SYNC)
• Programmable Cycle−by−Cycle Current Limit (CL)
• Hiccup Overcurrent Protection (OCP)
• Output Short Circuit Hiccup Protection (SCP)
• Space−Saving 8−PIN SOIC Package
• NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
www.onsemi.com
MARKING
DIAGRAM
Device
Package
Shipping†
ORDERING INFORMATION
SOIC−8
SUFFIX D
CASE 751
NCV885300D1R2G
SOIC−8
(Pb−Free)
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
8
V8853xx
ALYW
G
1
8
V8853xx = Specific Device Code
x = 00, 01
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
PG
GDRV
ISNS
GND
VIN
FB
COMP
EN/SYNC
PINOUT DIAGRAM
1
2
3
4
8
7
6
5
NCV885301D1R2G
SOIC−8
(Pb−Free)
2500/Tape & Reel


Similar Part No. - NCV8853_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV885301D1R2G ONSEMI-NCV885301D1R2G Datasheet
106Kb / 12P
Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
More results

Similar Description - NCV8853_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8851 ONSEMI-NCV8851 Datasheet
250Kb / 18P
Automotive Grade Synchronous Buck Controller
April, 2010 ??Rev. 2
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8853 ONSEMI-NCV8853 Datasheet
106Kb / 12P
Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8856 ONSEMI-NCV8856 Datasheet
181Kb / 19P
Automotive Grade Synchronous Buck Controller
October, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com