Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8853 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8853_16 Datasheet HTML 1Page - ON Semiconductor NCV8853_16 Datasheet HTML 2Page - ON Semiconductor NCV8853_16 Datasheet HTML 3Page - ON Semiconductor NCV8853_16 Datasheet HTML 4Page - ON Semiconductor NCV8853_16 Datasheet HTML 5Page - ON Semiconductor NCV8853_16 Datasheet HTML 6Page - ON Semiconductor NCV8853_16 Datasheet HTML 7Page - ON Semiconductor NCV8853_16 Datasheet HTML 8Page - ON Semiconductor NCV8853_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV8853
www.onsemi.com
2
Figure 1. NCV8853 Application Diagram
Figure 2. NCV8853 Simple Block Diagram
PG
GDRV
ISNS
GND
VIN
VIN
VO
FB
COMP
EN/SYNC
8
GDRV
VIN
VREF
DRIVE
LOGIC
FAULT
LOGIC
CSA
ISNS
7
6
3
COMP
VEA
5
GND
PWM
SCP
OCP
UVLO
OSC
CLAMP
4
FB
2
EN/SYNC
SS
CL
1
PG
EN/SYNC
+
PG
PIN DESCRIPTIONS
No
Pin Symbol
Function
1
PG
Power good output. Use a pull−up resistor to 5.0 V. PG is pulled low when power is not good.
2
EN/SYNC
Enable and synchronization input. The falling edge synchronizes the internal oscillator. The part is disabled
into sleep mode when this pin is brought low for longer than the enable time−out period.
3
COMP
Output of the voltage error amplifier. An external compensator network from COMP to GND is used to sta-
bilize the converter and tailor transient performance.
4
FB
Output voltage feedback. A resistor from the output voltage to FB with another resistor from FB to GND
creates a voltage divider for regulation and programming of the output voltage.
5
GND
Ground reference.
6
GDRV
Gate driver output. Connect to gate of the external P−channel MOSFET. A series resistance can be added
from GDRV to the gate to tailor EMC performance.
7
ISNS
Current sense input. Connect this pin to the source of the external P−channel MOSFET, through a current−
sense resistor to VIN to sense the switching current for regulation and current limiting.
8
VIN
Main power input for the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com