Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8853 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8853
Description  Automotive Grade Non-Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8853 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8853_16 Datasheet HTML 1Page - ON Semiconductor NCV8853_16 Datasheet HTML 2Page - ON Semiconductor NCV8853_16 Datasheet HTML 3Page - ON Semiconductor NCV8853_16 Datasheet HTML 4Page - ON Semiconductor NCV8853_16 Datasheet HTML 5Page - ON Semiconductor NCV8853_16 Datasheet HTML 6Page - ON Semiconductor NCV8853_16 Datasheet HTML 7Page - ON Semiconductor NCV8853_16 Datasheet HTML 8Page - ON Semiconductor NCV8853_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCV8853
www.onsemi.com
3
MAXIMUM RATINGS (Voltages are with respect to GND unless otherwise indicated.)
Rating
Value
Unit
DC Voltage (VIN, ISNS, GDRV)
−0.3 to 44
V
Peak Transient Voltage (Load Dump on VIN)
44
V
DC Voltage (EN/SYNC, PG)
−0.3 to 6.0
V
DC Voltage (COMP, FB)
−0.3 to 3.6
V
DC Voltage Stress (VIN − GDRV)
−0.7 to 12
V
Operating Junction Temperature Range
−40 to 150
°C
Storage Temperature Range
−65 to 150
°C
Peak Reflow Soldering Temperature: Pb−Free 60 to 150 seconds at 217
°C
265
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
PACKAGE ATTRIBUTES
Characteristic
Value
ESD Capability
Human Body Model
Machine Model
Charge Device Model
2.0 kV
200 V
>1.0 kV
Moisture Sensitivity Level
MSL 1 260
°C
Package Thermal Resistance
Junction–to–Ambient, RqJA
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com