Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382-VBH Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382-VBH
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382-VBH Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87382-VBH Datasheet HTML 35Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 36Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 37Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 38Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 39Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 40Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 41Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 42Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
5.0 General-Purpose Input/Output (GPIO) Port (Continued)
Revision 1.2
39
www.national.com
5.2
BASIC FUNCTIONALITY
The basic functionality of each GPIO pin is based on four configuration bits and a bit slice of runtime registers GPDO and
GPDI. The configuration and operation of a single GPIOXn pin (pin n in port X) is shown in Figure 9.
Figure 9. GPIO Basic Functionality
5.2.1
Configuration Options
The GPCFG register controls the following basic configuration options:
• Port Direction - Controlled by the Output Enable bit (bit 0).
• Output Type - Push-pull vs. open-drain. It is controlled by Output Buffer Type (bit 1) by enabling/disabling the pull-up
portion of the output buffer.
• Weak Static Pull-Up - May be added to any type of port (input, open-drain or push-pull). It is controlled by Pull-Up Control
(bit 2).
• Pin Lock - GPIO pin may be locked to prevent any changes in the output value and/or the output characteristics. The
lock is controlled by Lock (bit 3). It disables writes to the GPDO register bits, and to bits 0-3 of the GPCFG register (In-
cluding the Lock bit itself). Once locked, it can be released by Hardware reset only.
5.2.2
Operation
The value that is written to the GPDO register is driven to the pin if the output is enabled. Reading from the GPDO register
returns its contents, regardless of the pin value or the port configuration. The GPDI register is a read-only register. Reading
from the GPDI register returns the pin value, regardless of what is driving it (the port itself, configured as an output port, or
the external device when the port is configured as an input port). Writing to this register is ignored.
Activation of the GPIO port is controlled by an external device-specific configuration bit (or a combination of bits). When the
port is inactive, access to GPDI and GPDO registers is disabled. However, there is no change in the port configuration and
in the GPDO value, and hence there is no effect on the outputs of the pins.
GPIO Device
Pin
Data Out
Data In
Enable
Output
Enable
Output
Internal
Bus
Lock
Type
Static
Pull-Up
Pull-Up
Enable
GPIO Pin Configuration (GPCFG) Register
Push-Pull =1
Pull-Up
Control
Read Only
Read/Write
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com