Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382-VBH Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382-VBH
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382-VBH Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87382-VBH Datasheet HTML 64Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 65Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 66Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 67Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 68Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 69Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 70Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 71Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 72Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
8.0 Device Characteristics (Continued)
Revision 1.2
71
www.national.com
8.4.10 Docking LPC Switch Timing
Symbol
Parameter
Min
Max
Unit
tON
Switch On after RE LCLK1
1. Not tested. Guaranteed by characterization.
014
ns
tOFF
Switch Off after RE LCLK1
028
ns
tSW
Delay from Switch Enable Command to
Switch On2,3
2. Not tested. Guaranteed by design.
3. The time is measured from the end of the corresponding LPC transaction.
4*tCYC
4
4. tCYC is LCLK cycle time.
-
tCLK2RST
Delay from Switch Enable Command to
DLRESET de-assertion and DLFRAME,
DLAD connection2
CLK2RSTVAL5
5. Defined by CLK2RSTVAL field of the DLCTL register; see Section 6.3.2 on page 45.
-
tSU
DLDRQ setup time before RE LCLK
7
ns
tH
DLDRQ hold time after RE LCLK
0
ns
tSWPD
Switch Propagation Delay1
300
ps
Connected
Held by Pull-ups
Connected
tON
tSW
tOFF
tON
tSW
Switch On/Off Command
LCLK
DLCLK, DCLKOUT,
DLFRAME, DLAD
DLRESET
Held by Pull-ups
tCLK2RST
DSERIRQ
Held by Pull-down
Driven
DCLKRUN,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com