Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382-VBH Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382-VBH
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382-VBH Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87382-VBH Datasheet HTML 37Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 38Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 39Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 40Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 41Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 42Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 43Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 44Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
5.0 General-Purpose Input/Output (GPIO) Port (Continued)
Revision 1.2
41
www.national.com
Figure 11. GPIO Event Routing Mechanism
The GPEVST register reflects the event source pending status.
Active edge refers to a change in a GPIO pin level that matches the Event Polarity bit (1 for rising edge and 0 for falling
edge). Active level refers to the GPIO pin level that matches the Event Polarity bit (1 for high level and 0 for low level). The
corresponding bit of the GPEVST register is set by hardware whenever an active edge is detected, regardless of any other
bit settings. Writing 1 to the Status bit clears it to 0. Writing 0 is ignored.
A GPIO pin is in event pending state if the corresponding bit of the GPEVEN register is set and one of the following is true:
q
The Event Type is level and the pin is at active level.
q
The Event Type is edge and the corresponding bit of the GPEVST register is set.
The target means of system notification is asserted if at least one GPIO pin is in event pending state.
The selection of the target means of system notification is determined by the GPEVR register. If IRQ is selected as one of the
means for the system notification, the specific IRQ line is determined by the IRQ selection procedure of the device configura-
tion. The assertion of any means of system notification is blocked when the GPIO functional block is deactivated.
System event notification functionality is provided even when the GPIO pin is enabled as output.
A pending edge event may be cleared by clearing the corresponding GPEVST bit. However, a level event source must not
be released by software (except for disabling the source) as long as the pin is at active level. When a level event is used, it
is recommended to disable the input debouncer.
On de-activation of the GPIO port, the GPEVST register is cleared, and access to both the GPEVST and GPEVEN registers
is disabled. The target IRQ line is detached from the GPIO and de-asserted.
Before enabling any system notification, it is recommended to first set the desired event configuration and then verify that
the status registers are cleared.
5.4
GPIO PORT REGISTERS
The register maps in this chapter use the following abbreviations for Type:
q
R/W
= Read/Write.
q
R
= Read from a specific address returns the value of a specific register. Write to the same address is to a
different register.
q
W
= Write.
q
RO
= Read Only.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
GPIO Event Pending Indication
IRQ
Event
Routing
Logic
Enable
IRQ
Event Routing Register
Bit 0
(GPEVR)
Routed Events
from other GPIO Pins
Routing
GPIO Pin
GPIO Event to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com