Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382-VBH Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382-VBH
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382-VBH Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87382-VBH Datasheet HTML 48Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 49Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 50Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 51Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 52Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 53Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 54Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 55Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
7.0 Legacy Functional Blocks (Continued)
www.national.com
52
Revision1.2
Table 29. Register Bank Summary
The register maps in this chapter use the following abbreviations for Type:
q
R/W = Read/Write.
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W = Write.
q
RO = Read Only.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
7.2.3
IR Register Map for IR Functionality
Bank UART Mode
IR Mode
Main Functions
0

Global Control and Status
1

Legacy Bank
2

Alternative Baud Generator Divisor, Extended Control and Status
3

Module Revision ID and Shadow registers
4

IR mode setup
5

IR Control and Status FIFO
6

IR Physical Layer Configuration
7

CEIR and Optical Transceiver Configuration
Table 30. Bank 0 Register Map
Offset
Mnemonic
Register Name
Type
00h
RXD
Receiver Data
RO
TXD
Transmitter Data
W
01h
IER
Interrupt Enable
R/W
02h
EIR
Event Identification
R
FCR
FIFO Control
W
03h
LCR
Link Control
W
BSR
Bank Select
R/W
04h
MCR
Modem / Mode Control
R/W
05h
LSR
Link Status
R/W
06h
MSR
Modem Status
R
07h
SPR
Scratch Pad
R/W
ASCR
Auxiliary Status and Control
Varies per bit
Table 31. Bank 1 Register Map
Offset
Mnemonic
Register Name
Type
00h
LBGD(L)
Legacy Baud Generator Divisor (Low Byte)
R/W
01h
LBGD(H)
Legacy Baud Generator Divisor (High Byte)
R/W
02h
Reserved
03h
LCR/BSR
Link Control / Bank Select
R/W
04h - 07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com