Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87382-VBH Datasheet(PDF) 65 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87382-VBH
Description  LPC-to-LPC Switch for Docking Stations, with Fast Infrared Port, Serial Port and GPIOs
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87382-VBH Datasheet(HTML) 65 Page - National Semiconductor (TI)

Back Button PC87382-VBH Datasheet HTML 61Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 62Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 63Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 64Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 65Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 66Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 67Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 68Page - National Semiconductor (TI) PC87382-VBH Datasheet HTML 69Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
8.0 Device Characteristics (Continued)
Revision 1.2
65
www.national.com
8.4.4
LCLK and LRESET
Symbol
Parameter
Min
Max
Units
tCYC
1
1. The PCI may have any clock frequency between nominal DC and 33 MHz.
Device operational parameters at frequencies under 16 MHz can be guaranteed
by design rather than by testing. The clock frequency can be changed at any
time during the operation of the system as long as the clock edges remain
“clean” (monotonic) and the minimum cycle and high and low times are not vio-
lated. The clock may only be stopped in a low state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time2
2. Not tested. Guaranteed by characterization.
11
ns
tLOW
LCLK Low Time2
11
ns
-
LCLK Slew Rate3,4
3. Not tested. Guaranteed by design
4. Rise and fall times are specified in terms of the edge rate measured in V/ns.
This slew rate must be met across the minimum peak-to-peak portion of the
clock wavering as shown below.
1
4
V/ns
-
LRESET Slew Rate3,5
5. The minimum LRESET slew rate applies only to the rising (de-assertion) edge of
the reset signal, and ensures that system noise cannot render an otherwise
monotonic signal to appear to bounce in the switching range.
50
mV/ns
tWRST
LRESET pulse width
100
ns
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD p-to-p
(minimum)
tHIGH
tLOW
3.3V Clock
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com