Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 18Page - Microchip Technology MIC28303 Datasheet HTML 19Page - Microchip Technology MIC28303 Datasheet HTML 20Page - Microchip Technology MIC28303 Datasheet HTML 21Page - Microchip Technology MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
MIC28303
DS20005464A-page 22
 2016 Microchip Technology Inc.
charge the bootstrap capacitor (CBST) because the
feedback voltage is still below VREF. Then, the next
ON-time period is triggered due to the low feedback
voltage. Therefore, the switching frequency changes
during the load transient, but returns to the nominal
fixed frequency once the output has stabilized at the
new load current level. With the varying duty cycle and
switching frequency, the output recovery time is fast
and the output voltage deviation is small.
FIGURE 4-2:
MIC28303 Load Transient
Response
Unlike true current-mode control, the MIC28303 uses
the output voltage ripple to trigger an ON-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough.
In order to meet the stability requirements, the
MIC28303 feedback voltage ripple should be in phase
with the inductor current ripple and are large enough to
be sensed by the gm amplifier and the error
comparator. The recommended feedback voltage
ripple is 20 mV ~ 100 mV over the full input voltage
range. If a low ESR output capacitor is selected, then
the feedback voltage ripple may be too small to be
sensed by the gm amplifier and the error comparator.
Also, the output voltage ripple and the feedback
voltage ripple are not necessarily in phase with the
inductor current ripple if the ESR of the output capacitor
is very low. In these cases, ripple injection is required
to
ensure
proper
operation.
Please
refer
to
“Section 5.6, Ripple Injection” for more details about
the ripple injection technique.
4.2
Discontinuous Mode (MIC28303-1
Only)
In continuous mode, the inductor current is always
greater than zero; however, at light loads, the
MIC28303-1 is able to force the inductor current to
operate in discontinuous mode. Discontinuous mode is
where the inductor current falls to zero, as indicated by
trace (IL) shown in Figure 4-3. During this period, the
efficiency is optimized by shutting down all the
non-essential circuits and minimizing the supply
current. The MIC28303-1 wakes up and turns on the
high-side MOSFET when the feedback voltage VFB
drops below 0.8V.
The MIC28303-1 has a zero crossing comparator (ZC)
that monitors the inductor current by sensing the
voltage drop across the low-side MOSFET during its
ON-time. If the VFB > 0.8V and the inductor current
goes
slightly
negative,
then
the
MIC28303-1
automatically powers down most of the IC’s circuitry
and goes into a low-power mode.
Once the MIC28303-1 goes into discontinuous mode,
both DL and DH are low, which turns off the high-side
and low-side MOSFETs. The load current is supplied
by the output capacitors and VOUT drops. If the drop of
VOUT causes VFB to go below VREF, then all the circuits
will wake up into normal continuous mode. First, the
bias currents of most circuits reduced during the
discontinuous mode are restored, and then a tON pulse
is triggered before the drivers are turned on to avoid
any possible glitches. Finally, the high-side driver is
turned on. Figure 4-3 shows the control loop timing in
discontinuous mode.
FIGURE 4-3:
MIC28303-1 Control Loop
Timing (Discontinuous Mode)
I
OUT
V
OUT
V
FB
DH
NO LOAD
FULL LOAD
V
REF
T
OFF(min)
I
L CROSSES 0 and VFB > 0.8
DISCONTINUOUS MODE STARTS
V
FB < 0.8. WAKE UP FROM
DISCONTINUOUS MODE
ESTIMATED ON-TIME
DH
DL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com