Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303 Datasheet(PDF) 28 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology MIC28303 Datasheet HTML 26Page - Microchip Technology MIC28303 Datasheet HTML 27Page - Microchip Technology MIC28303 Datasheet HTML 28Page - Microchip Technology MIC28303 Datasheet HTML 29Page - Microchip Technology MIC28303 Datasheet HTML 30Page - Microchip Technology MIC28303 Datasheet HTML 31Page - Microchip Technology MIC28303 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
MIC28303
DS20005464A-page 28
 2016 Microchip Technology Inc.
The safe operating area (SOA) of the MIC28303 is
shown in the first three graphs of the Typical
Characteristics section. These thermal measurements
were taken on the MIC28303 evaluation board.
Because the MIC28303 is an entire system comprised
of switching regulator controller, MOSFETs and
inductor, the part needs to be considered a system.
The SOA curves will provide guidance for reasonable
use of the MIC28303.
5.8
Emission Characteristics of
MIC28303
The MIC28303 integrates switching components in a
single package, so the MIC28303 has reduced
emission compared to a standard buck regulator with
external MOSFETS and inductors. The radiated EMI
scans for MIC28303 are shown in Section 2.0, Typical
Performance Curves. The limit on the graph is per
EN55022 Class B standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com