Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 5 Page - Microchip Technology

  MIC28303 Datasheet HTML 1Page - Microchip Technology MIC28303 Datasheet HTML 2Page - Microchip Technology MIC28303 Datasheet HTML 3Page - Microchip Technology MIC28303 Datasheet HTML 4Page - Microchip Technology MIC28303 Datasheet HTML 5Page - Microchip Technology MIC28303 Datasheet HTML 6Page - Microchip Technology MIC28303 Datasheet HTML 7Page - Microchip Technology MIC28303 Datasheet HTML 8Page - Microchip Technology MIC28303 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 5
MIC28303
Current-Limit Source Current
60
80
100
µA
VFB = 0.79V
Short-Circuit Source Current
27
36
47
VFB = 0V
Leakage
SW, BSTR Leakage Current
—
—
50
µA
—
Power Good
Power Good Threshold
Voltage
85
90
95
%VOUT Sweep VFB from low-to-high
Power Good Hysteresis
—
6
—
Sweep VFB from high-to-low
Power Good Delay Time
—
100
—
µs
Sweep VFB from low-to-high
Power Good Low Voltage
—
70
200
mV
VFB < 90% x VNOM, IPG = 1 mA
Thermal Protection
Overtemperature Shutdown
—
160
—
°C
TJ rising
Overtemperature Shutdown
Hysteresis
—4
—
—
Output Characteristic
Output Voltage Ripple
—
16
—
mV
IOUT = 3A
Line Regulation
—
0.36
—
%
PVIN = VIN = 7V to 50V, IOUT = 3A
Load Regulation
—
0.75
—
%
IOUT = 0A to 3A PVIN= VIN =12V
(MIC28303-1)
—0.05
—
IOUT = 0A to 3A PVIN= VIN =12V
(MIC28303-2)
Output Voltage Deviation from
Load Step
—400
—
mV
IOUT from 0A to 3A at 5 A/µs
(MIC28303-1)
—500
—
IOUT from 3A to 0A at 5 A/µs
(MIC28303-1)
—400
—
IOUT from 0A to 3A at 5 A/µs
(MIC28303-2)
—500
—
IOUT from 3A to 0A at 5 A/µs
(MIC28303-2)
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
PVIN = VIN = 12V, VOUT = 5V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values
indicate –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com