Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 6Page - Microchip Technology MIC28303 Datasheet HTML 7Page - Microchip Technology MIC28303 Datasheet HTML 8Page - Microchip Technology MIC28303 Datasheet HTML 9Page - Microchip Technology MIC28303 Datasheet HTML 10Page - Microchip Technology MIC28303 Datasheet HTML 11Page - Microchip Technology MIC28303 Datasheet HTML 12Page - Microchip Technology MIC28303 Datasheet HTML 13Page - Microchip Technology MIC28303 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MIC28303
DS20005464A-page 10
 2016 Microchip Technology Inc.
FIGURE 2-16:
Output Regulation vs. Input
Voltage (MIC28303-2).
FIGURE 2-17:
VIN Shutdown Current vs.
Input Voltage.
FIGURE 2-18:
Output Peak Current Limit
vs. Input Voltage.
FIGURE 2-19:
Switching Frequency vs.
Input Voltage.
FIGURE 2-20:
Enable Threshold vs. Input
Voltage.
FIGURE 2-21:
VIN Shutdown Current vs.
Temperature.
0.00
0.30
0.60
0.90
1.20
1.50
10 15 20 25 30 35 40 45 50 55 60 65 70 75
INPUT VOLTAGE (V)
Hyst
Falling
Rising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com