Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 10Page - Microchip Technology MIC28303 Datasheet HTML 11Page - Microchip Technology MIC28303 Datasheet HTML 12Page - Microchip Technology MIC28303 Datasheet HTML 13Page - Microchip Technology MIC28303 Datasheet HTML 14Page - Microchip Technology MIC28303 Datasheet HTML 15Page - Microchip Technology MIC28303 Datasheet HTML 16Page - Microchip Technology MIC28303 Datasheet HTML 17Page - Microchip Technology MIC28303 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
MIC28303
DS20005464A-page 14
 2016 Microchip Technology Inc.
T.
FIGURE 2-39:
Enable Turn-On Delay and
Rise Time.
FIGURE 2-40:
Enable Turn-Off Delay and
Fall Time.
FIGURE 2-41:
MIC28303-2 VIN Start-Up
with Pre-Biased Output.
FIGURE 2-42:
MIC28303-1 VIN Start-Up
with Pre-Biased Output.
TABLE 2-2:
RECOMMENDED COMPONENT VALUES FOR 600 KHZ SWITCHING FREQUENCY
VOUT
VIN
R3
(Rinj)
R1
(Top
Feedback
Resistor)
R11
(Bottom
Feedback
Resistor)
R19
C10
(Cinj)
C12
(Cff)
COUT
0.9V
5V to 50V
16.5 kΩ
10 kΩ
80.6 kΩ
DNP
0.1 µF
2.2 nF
47 µF/6.3V
or 2 x 22 µF
1.2V
5V to 50V
16.5 kΩ
10 kΩ
20 kΩ
DNP
0.1 µF
2.2 nF
47 µF/6.3V
or 2 x 22 µF
1.8V
5V to 50V
16.5 kΩ
10 kΩ
8.06 kΩ
DNP
0.1 µF
2.2 nF
47 µF/6.3V
or 2 x 22 µF
2.5V
5V to 50V
16.5 kΩ
10 kΩ
4.75 kΩ
DNP
0.1 µF
2.2 nF
47 µF/6.3V
or 2 x 22 µF
3.3V
5V to 50V
16.5 kΩ
10 kΩ
3.24 kΩ
DNP
0.1 µF
2.2 nF
47 µF/6.3V
or 2 x 22 µF
5V
7V to 50V
16.5 kΩ
10 kΩ
1.9 kΩ
DNP
0.1 µF
2.2 nF
47 µF/6.3V
or 2 x 22 µF
12V
18V to 50V 23.2 kΩ
10 kΩ
715 kΩ
DNP
0.1 µF
2.2 nF
47 µF/16V
or 2 x 22 µF
VIN = 12V
V
OUT = 5V
I
OUT = 3A
Time (2.0ms/div)
V
EN
(2V/div)
V
OUT
(2V/div)
V
SW
(10V/div)
VIN = 12V
V
OUT = 5V
I
OUT = 3A
Time (1.0ms/div)
V
EN
(2V/div)
V
OUT
(2V/div)
V
SW
(10V/div)
VIN = 12V
V
OUT = 5V
I
OUT = 0A
V
PRE-BIAS = 1.5V
Time (4.0ms/div)
VIN
(10V/div)
V
OUT
(2V/div)
V
SW
(10V/div)
VIN = 12V
V
OUT = 5V
I
OUT = 0A
V
PRE-BIAS = 1.5V
Time (4.0ms/div)
VIN
(10V/div)
V
OUT
(2V/div)
V
SW
(10V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com