Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVR
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV6001UIDBVR Datasheet HTML 13Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 14Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 15Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 16Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 17Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 18Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 19Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 20Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
V
1.8
A
3.6
0.5
OUT
V
IN
V
A
V
VSUP+
+
VOUT
RF
VIN
RI
VSUP-
Copyright © 2016, Texas Instruments Incorporated
17
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TLV600x is a family of low-power, rail-to-rail input and output operational amplifiers specifically designed for
portable applications. The devices operate from 1.8 V to 5.5 V, are unity-gain stable, and are suitable for a wide
range of general-purpose applications. The class AB output stage is capable of driving
≤ 10-kΩ loads connected
to any point between V+ and ground. The input common-mode voltage range includes both rails, and allows the
TLV600x to be used in any single-supply application.
9.2 Typical Application
A typical application for an operational amplifier is an inverting amplifier, as shown in Figure 21. An inverting
amplifier takes a positive voltage on the input and outputs a signal inverted to the input, making a negative
voltage of the same magnitude. In the same manner, the amplifier makes negative input voltages positive on the
output. In addition, amplification may be added by selecting the input resistor RI and the feedback resistor RF.
Figure 21. Application Schematic
9.2.1 Design Requirements
The supply voltage must be chosen to be larger than the input voltage range and the desired output range. The
limits of the input common-mode range (VCM) and the output voltage swing to the rails (VO) must be considered.
For instance, this application scales a signal of ±0.5 V (1 V) to ±1.8 V (3.6 V). Setting the supply at ±2.5 V is
sufficient to accommodate this application.
9.2.2 Detailed Design Procedure
Determine the gain required by the inverting amplifier using Equation 1 and Equation 2:
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com