Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVR
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV6001UIDBVR Datasheet HTML 5Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 6Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 7Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 8Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 9Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 10Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 11Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 12Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
9
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Parameters with minimum or maximum specification limits are 100% production tested at 25ºC, unless otherwise noted. Over-
temperature limits are based on characterization and statistical analysis.
7.7 Electrical Characteristics: VS= 1.8 V to 5 V (±0.9 V to ±2.75 V)
(1)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
0.75
4.5
mV
dVOS/dT
VOS vs temperature
TA = –40°C to 125°C
2
μV/°C
PSRR
Power-supply rejection ratio
86
dB
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
±1.0
pA
IOS
Input offset current
±1.0
pA
INPUT IMPEDANCE
ZID
Differential
100 || 1
MΩ || pF
ZIC
Common-mode
1 || 5
1013Ω || pF
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
No phase reversal, rail-to-rail input
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode rejection ratio
VCM = –0.2 V to 5.7 V
60
76
dB
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
0.3 V < VO < (V+) – 0.3 V, RL = 2 kΩ
90
110
Phase margin
VS = 5.0 V, G = +1
65
degrees
OUTPUT
VO
Voltage output swing from supply rails
RL = 100 kΩ
5
mV
RL = 2 kΩ
75
100
mV
ISC
Short-circuit current
±15
mA
RO
Open-loop output impedance
2300
Ω
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1
MHz
SR
Slew rate
0.5
V/µs
tS
Settling time
To 0.1%, VS = 5.0 V, 2-V step , G = +1
5
μs
NOISE
Input voltage noise (peak-to-peak)
f = 0.1 Hz to 10 Hz
6
μVPP
en
Input voltage noise density
f = 1 kHz
28
nV/
√Hz
in
Input current noise density
f = 1 kHz
5
fA/
√Hz
POWER SUPPLY
VS
Specified voltage range
1.8 (±0.9)
5.5 (±2.75)
V
IQ
Quiescent current per amplifier
IO = 0 mA, VS = 5.0 V
75
100
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com