Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVR
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV6001UIDBVR Datasheet HTML 14Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 15Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 16Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 17Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 18Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 19Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 20Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 21Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
Time
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Input
Output
F
V
I
R
A
R
18
TLV6001, TLV6002, TLV6004
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
When the desired gain is determined, choose a value for RI or RF. Choosing a value in the kilohm range is
desirable for general-purpose applications because the amplifier circuit uses currents in the milliamp range. This
milliamp current range ensures the device does not draw too much current. The trade-off is that large resistors
(hundreds of kilohms) draw the smallest current but generate the highest noise. Small resistors (100s of ohms)
generate low noise but draw high current. This example uses 10 kΩ for RI, meaning 36 kΩ is used for RF. The
values are determined by Equation 3:
(3)
9.2.3 Application Curve
Figure 22. Inverting Amplifier Input and Output
9.3 System Examples
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required.
The simplest way to establish this limited bandwidth is to place an RC filter at the noninverting terminal of the
amplifier, as shown in Figure 23.
Figure 23. Single-Pole Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com