Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVR
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV6001UIDBVR Datasheet HTML 15Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 16Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 17Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 18Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 19Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 20Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 21Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 22Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
19
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
System Examples (continued)
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter may be used for this
task, as shown in Figure 24. For best results, the amplifier must have a bandwidth that is eight to 10 times the
filter frequency bandwidth. Failure to follow this guideline may result in phase shift of the amplifier.
Figure 24. Two-Pole, Low-Pass, Sallen-Key Filter
10 Power Supply Recommendations
The TLV600x is specified for operation from 1.8 V to 5.5 V (±0.9 V to ±2.75 V); many specifications apply from
–40°C to +125°C. The Typical Characteristics presents parameters that may exhibit significant variance with
regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 7 V may permanently damage the device. (See the
Absolute Maximum Ratings table).
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see Layout
Guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com