Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV6001UIDBVR
Description  Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV6001UIDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV6001UIDBVR Datasheet HTML 7Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 8Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 9Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 10Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 11Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 12Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 13Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 14Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
Frequency (Hz)
C009
+PSRR
-PSRR
CMRR
Time (1 s/div)
C011
0
1
2
3
4
5
6
7
8
9
Offset Voltage (mV)
C005
-1500
-1200
-900
-600
-300
0
300
600
900
1200
1500
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Common-Mode Voltage (V)
C007
Typical Units
V
S = 5.5 V
40
42
44
46
48
50
52
54
56
58
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
C003
0
45
90
135
180
-20
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
Gain
Phase
CL=10pF
C
L = 10 pF
CL=100pF
C
L = 100 pF
11
TLV6001, TLV6002, TLV6004
www.ti.com
SBOS779B – JUNE 2016 – REVISED OCTOBER 2016
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.9 Typical Characteristics
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. Quiescent Current vs Supply
Figure 3. Offset Voltage Production Distribution
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. CMRR and PSRR vs Frequency
(Referred-to-Input)
Figure 6. 0.1-Hz to 10-Hz Input Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com