Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q151A Datasheet(PDF) 20 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 20 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
20/36
Flash Memory Operating Conditions
(VSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Data flash memory, At write/erase
-40 to +105
Operating temperature
TOP
Flash ROM, At write/erase
0 to +40
°C
Operating voltage
VDD
At write/erase
1.8 to 5.5
V
CEPD
Data Flash
10,000
Maximum rewrite count
CEPP
Program Flash
100
times
―
Chip erase
All area
―
Program Flash
8
KB
―
Block erase
Data Flash
2
KB
Erase unit
―
Sector erase (Data Flash only)
1
KB
Erase time
―
Chip erase, Block erase, Sector
erase
100
ms
Write unit
―
―
1 word (2 Bytes)
―
Write time (Max.)
―
1 word (2 Bytes)
40
µs
Data retention period
YDR
―
15
years
DC Characteristics (Oscillation, Reset)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measur
ing
circuit
Low-speed crystal oscillation
start time*
1
TXTL
―
―
0.6
2
s
Ta= +25
°C
Typ
-1%
32.768k
Typ
+1%
Hz
Ta= -40 to 85
°C
Typ
-2.5%
32.768k
Typ
+2.5%
Hz
Low-speed RC oscillator
frequency
fLCR
Ta= -40 to 105
°C
Typ
-3%
32.768k
Typ
+3%
Hz
Ta= +25
°C
Typ
-5%
2.097
Typ
+5%
MHz
High-speed RC oscillator
ferequency
fHCR
Ta= -40
°C to +105°C
Typ
-15%
2.097
Typ
+15%
MHz
PLL oscillation frequency
fPLL
LSCLK=32.768kHz
2,048 clock average
Typ
-1%
8.192
Typ
+1%
MHz
Reset pulse width
PRST
―
100
―
―
Reset noise rejection pulse width
PNRST
―
―
―
0.4
µs
1
Power On Reset rising time
TPOR
―
―
―
10
ms
*
1: Use 32.768KHz Crystal Oscillator DT-26 (Daishinku) with capacitance CGL/CDL=12pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com