Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q151A Datasheet(PDF) 35 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 35 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
35/36
REVISION HISTORY
Page
Document
No.
Date
Previous
Edition
Current
Edition
Description
PEDL620Q150-01
Jul 15, 2014
–
–
Preliminary First Edition
P2-P4
P2-P4
Changed English expression for some descriptions.
P5-P7
P5-P7
Added notes (*) about some pins.
P10
P10
Corrected pin names of 57pin and 58pin.
P11
P11
Deleted the 2
nd function of P02 and P03.
P13
P13
Corrected the tertiary function name of P70 and P71.
P15
P15
Changed English expression for the note(*).
P16
P16
Corrected description about PW45EVn and PW67EVn.
P17
P17
Corrected description about EXI0-7 and TMHnOUT.
P18
P18
Changed English expression for the note(*).
P21
P21
Added Power On Reset Rising Time (TPOR).
P24
P24
Corrected pin name and Change English expression for the
note(*).
PEDL620Q150-02
Aug 14, 2014
P32
P32
Added 52pin TQFP package dimension.
–
–
Formal First Edition
–
–
Changed the part numbers.
(Old) ML620Q151/152/153/154/155/156/157/158/159
(New)
ML620Q151A/152A/153A/154A/155A/156A/157A/158A/159A
1
1
Made a list of ROM size and rewrite cycle.
Made a list of the number of interrupt.
3
3
Made a list of the number of ports.
4
4
Made a list of the kinds of package.
FEDL620Q150A-01
May 7, 2015
16
16
Corrected the port name PWMn assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com