Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q151A Datasheet(PDF) 31 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 31 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
31/36
Characteristics of Successive Approximation Type A/D Converter
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
―
―
―
10
bits
2.7V
≤ VREF ≤ 5.5V
−4
―
+4
2.2V
≤ VREF < 2.7V
−6
―
+6
Integral non-linearity error
INL
1.8V
≤ VREF < 2.2V
−10
―
+10
2.7V
≤ VREF ≤ 5.5V
−3
―
+3
2.2V
≤ VREF < 2.7V
−5
―
+5
Differential non-linearity error
DNL
1.8V
≤ VREF < 2.2V
−9
―
+9
Zero-scale error
VOFF
RI
≤ 5kΩ
−6
―
+6
Full-scale error
FSE
RI
≤ 5kΩ
−6
―
+6
LSB
Input impedance
RI
―
―
―
5k
Ω
A/D operating voltage
VREF
VREF ≤ VDD
2.7
―
5.5
V
CPU works in PLL oscillation mode
SACK bit = 0
2.7V
≤ VREF ≤ 5.5V
―
13.5
―
Conversion time
tCONV
CPU works in PLL oscillation mode
SACK bit = 1
1.8V
≤ VREF ≤ 5.5V
―
43
―
µs
A
VDD
VREF
VDDL
VSS
Analog input
2.2µF
-
RI≤5kΩ
AIN0
to
AIN11
1µF
0.1µF
+
2.2µF
Reference
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com