Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q151A Datasheet(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
29/36
AC Characteristics (Synchronous Serial Port)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
High-speed oscillation stopped
10
―
―
µs
SCK input cycle
(slave mode)
tSCYC
During high-speed oscillation
500
―
―
ns
SCK output cycle
(master mode)
tSCYC
―
―
SCK
(*1)
―
sec
High-speed oscillation stopped
4
―
―
µs
SCK input pulse width
(slave mode)
tSW
During high-speed oscillation
200
―
―
ns
SCK output pulse width
(master mode)
tSW
―
SCK
(*1)
×0.4
SCK
(*1)
×0.5
SCK
(*1)
×0.6
sec
SOUT output delay time
(slave mode)
tSD
―
―
―
180
ns
SOUT output delay time
(master mode)
tSD
―
―
―
80
ns
SIN input setup time
(slave mode)
tSS
―
80
―
―
ns
SIN input setup time
(Master mode)
tSS
―
240
―
―
ns
SIN input hold time
tSH
―
80
―
―
ns
*1: Clock period selected by SnCK3–0 of the serial port n mode register (SIOnMOD1)
tSD
SCKn*
SINn*
SOUTn
*: Indicates the secondary function of the corresponding port.
tSD
tSS
tSH
tSW
tSW
tSCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com