Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML620Q151A Datasheet(PDF) 22 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q151A
Description  16-bit micro controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q151A Datasheet(HTML) 22 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q151A Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q151A Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
FEDL620Q150A-01
ML620Q151A/2A/3A/4A/5A/6A/7A/8A/9A
22/36
DC Characteristics (LLD)
(VDD=2.2 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Meas
uring
circuit
LD1 to 0 = 0H
1.8
1.9
2
LD1 to 0 = 1H
2.45
2.55
2.65
LD1 to 0 = 2H
3.6
3.7
3.8
VD-
When power falling
LD1 to 0 = 3H
4.1
4.2
4.3
LD1 to 0 = 0H
1.85
1.98
2.1
LD1 to 0 = 1H
2.5
2.63
2.75
LD1 to 0 = 2H
3.65
3.78
3.9
LLD threshold voltage
VD+
When power rising
LD1 to 0 = 3H
4.15
4.28
4.4
V
1
Hysterisis
Vhys
―
―
―
80
―
mV
mA
DC Characteristics (Analog Comparator)
(VDD=2.2 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Meas
uring
circuit
CMPnM
VIN
―
0
―
VDD
-1.4
Common mode Input
voltage
CMPnP
VIN
―
0
―
VDD
V
Input offset voltage
VCMPOF
―
―
5
100
mV
Response time
TCMP
CMPnP = CMPnM ± 100mV
―
―
1
µS
1
DC Characteristics (IDD)
(VDD=1.8 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Meas
uring
circuit
-40 to +35℃
―
1.0
6
Supply current
1
IDD1
CPU is in STOP state.
Low-speed/high-speed oscillation is
stopped. VDD=3.0V
-40 to +105℃
―
1.0
22
-40 to +35℃
―
2.5
7
Crystal Oscillating. CPU is in HALT
state (LTBC,WBC: Operating
*2).
High-speed oscillation is stopped.
VDD=3.0V
-40 to +105℃
―
2.5
24
-40 to +35℃
―
3.5
9
Supply current
2
IDD2
Internal RC Oscillating. CPU is in HALT
state (LTBC,WBC: Operating
*2).
High-speed oscillation is stopped.
VDD=3.0V
-40 to +105℃
―
3.5
26
-40 to +35℃
―
13
20
Supply current
3
IDD3
CPU: Running at 32kHz*
1
High-speed oscillation is stopped.
VDD=3.0V
-40 to +105℃
―
13
42
µA
Supply current
4
IDD4
CPU: Running at 2MHz RC oscillating mode*
2
VDD=5.0V
―
0.64
2.0
1
Supply current
5
IDD5
CPU: Running at 8.192MHz PLL oscillating mode*
2
VDD=5.0V
―
5
8
mA
*
1: Case when the CPU operating rate is 100% (with no HALT state)
*
2 : Significant bits of BLKCON0 to BLKCON4 registers are all “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com