Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344C Datasheet(PDF) 75 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 75 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 76Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 77Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
75/154
(3) IDLE detection mode
IDLE detection mode continues CCA untill IDLE detection. Idle detectin CCA will be executed when
RX_ON is issued while CCA_EN(CCA_CTRL: B0 0x39(4)])=0b1, CCA_CPU_EN(CCA_CTRL: B0
0x39(5)])=0b0 and CCA_IDLE_EN(CCA_CTRL: B0 0x39(6)])=0b1 are set.
Like normal mode, CCA judgement is determined by average ED value in [ED_RSLT: B0 0x3A] register and
CCA threshold defined by [CCA_LVL: B0 0x37] register. IF average ED value exceeds the CCA threshold
value, it is considered as “BUSY”. And CCA_RSLT[1:0]([CCA_CTRL: B0 0x39(1-0)]) =0b01 is set.
If average ED value is smaller than CCA threshold value and maintains IDLE detection period which is
defined by IDLE_WAIT[9:0] of the [IDLE_WAIT_L: B0 0x3B], [IDLE_WAIT_H: B0 0x3C] registers. it is
considered as “IDLE”. And CCA_RSLT[1:0] =0b00 is set. For details operation of CCA_IDLE_WAIT[9:0],
please refer to ”IDLE detection for longer period”.
In IDLE detection mode, only when IDLE is detected, CCA completion interrupt (INT[18] group3) is
generated. After IDLE detection, CCA_EN and CCA_IDLE_EN are reset to 0b0.
Upon clearing CCA completion interrupt, CCA_RSLT[1:0] are reset to 0b00. Therefore CCA_RSLT[1:0]
should be read before clearing CCA completion interrupt.
If an ED value exceeds the value defined by [CCA_IGNORE_LVL: B0 0x36] register, as long as a given ED
value is included in the averaging target of ED value calculation, IDLE judgement is not performed. In this
case, if average ED value is smaller than CCA threshold level, IDLE determination is not performed and
CCA_RSLT[1:0] indicates 0b11. CCA operation continues until given ED value is out of averaging target and
“IDLE” is determined. For details of ED value exceeding [CCA_IGNORE_LVL: B0 0x36] register, please
refer to ”IDLE determination exclusion under strong signal input”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com