Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344C Datasheet(PDF) 56 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 56 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 59Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 60Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
56/154
ii) Data ouput mode 1 or data output mode 2 (to host)
Set RXDIO_CTRL[1:0] ([DIO_SET: B0 0x0C(7-6)])=0b10/11
After RX_ON, RX data upon SyncWord (output mode 1) or RX data upon L-fileld (output mode 2) is buffered
in RX_FIFO. During SCEN is ”H”, by DIO_START([DIO_SET: B0 0x0C(0)])=0b1, top data of buffered data
will be output through DIO interface (DIO/DCLK). (RX data is output at falling edge of DCLK). Other output
condition is same as the case of using GPIO:/ECT_CLK pins. After TRX_OFF isuing, DCLK/DIO output will
stop. Even during DCLK/DIO are output period, if SCEN becomes “L”, DCLK/DIO output will stop. (SPI
access has a priority)
(In case of data output mode1)
NOTE:
Not to access SPI until RX completion. During packet transmission, if SPI access is attempted by the host, RX
data error can be expected.
RXON
RX data
SCEN
DIO_RX_COMPLETE
=0b1
DIO(SDI)
DCLK(SDO)
Preamble
SyncWord
Data-field
DIO_START
=0b1
RX_ON
command
TRX_OFF
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com