Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344C Datasheet(PDF) 82 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 82 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 78Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
82/154
●Other Functions
●Data rate setting function
(1) Data rate change setting
ML73444 supports various TX/RX data rate setting defined by the following registers.
TX: [TX_RATE_H: B1 0x02] and [TX_RATE_L: B1 0x03] registers
RX: [RX_RATE1_H: B1 0x04], [RX_RATE1_L: B1 0x05] and [RX_RATE2: B1 0x06] registers
TX/RX data rate can be defined in the following formula.
[TX]
TX data rate [bps] = round (26MHz / 13/ TX_RATE[11:0])
Recommended values for each data rate are in the table below. Registers value below are automatically set to
[TX_RATE_H],[ TX_RATE_L] registers by setting TX_DRATE[3:0] ([DRATE_SET: B0 0x06(3-0)]).
TX data rate [kbps]
[TX_RATE_H][ TX_RATE_L]
register setting value
Data rate deviation
[%] *1
1.2
1667d
-0.02
2.4
833d
0.04
4.8
417d
-0.08
9.6
208d
0.16
10.0
200d
0.00
11.52
174d
-0.22
15
133d
0.25
*1 Data rate deviation is assumption that frequency deviation of master clock(26MHz crystal oscillator or
TCXO) is 0ppm.
[RX]
RX data rate [bps] = round (26MHz / {RX_RATE1[11:0] ×[RX_RATE2[6:0]})
Recommended values for each data rate are in the table below. Registers value below are automatically set to
[RX_RATE1_H][ RX_RATE1_L] [RX_RATE2] registers by setting RX_DRATE[3:0]( [DRATE_SET:B0
0x06(7-4)] ).
RX dta rate [kbps]
[RX_RATE1_H][RX_RATE1_L]
register setting value
[RX_RATE2]
register setting
1.2
169d
0d
2.4
85d
0d
4.8
42d
0d
9.6
21d
0d
10
11.52
15
NOTE:
When LOW_RATE_EN([CLK_SET2:B0 0x03(0)])=0b1, [RX_RATE1_H/L] and [RX_RATE2] registers
are not set automatically by setting RX_DRATE[3:0]. Please calcurate appropriate values by replacing the
8.66MHz to 26MHz in the above formula and set them to each register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com