Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344C Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
9/154
●Miscellaneous pins
Pin
Pin name
Reset
state
I/O
Active
Level
function
5
XIN
N.C.(*2)
I
−
IA
−
P or N
−
26MHz crystal pin1
(Note) In case of TCXO, it must be open.
6
XOUT
TCXO(*2)
O
OA
IA
I
P or N 26MHz crystal pin 2 or TCXO input
8
RESETN
I
IS
L
Reset
L: Hardware reset enable (Forcing reset state)
H: Normal operation
10
EXT_CLK
I
IO
P or N
Digital I/O (*3)
Reset state: External RTC (32kHz) input. [ML7344E/J]
External PA control signal output. [ML7344C]
16
GPIO0
O/H
IO
or
OD(*1)
H or L
Digital GPIO (*4)
Reset state: interrupt indication signal output
17
GPIO1
O/L
IO
or
OD(*1)
H or L
Digital GPIO (*5)
Reset state: clock output
18
ANT_SW/
GPIO2
O/L
IO
or
OD(*1)
H or L
Digital GPIO (*6)
Reset state: Antenna diversity selection control signal
19
TRX_SW/
GPIO3
O/L
IO
or
OD(*1)
H or L
Digital GPIO (*7)
Reset state: TX –RX selection signal control
(Note)
*1 OD is open drain output.
*2 The following pin names are different depend on products.
Pin No.
ML7344C
ML7344T
5
XIN
N.C.
6
XOUT
TCXO
(Note)
*1 In case of using TCXO, set TCXO_EN=0b1. Please make sure only one of the register TCXO_EN,
XTAL_EN is set to 0b1.
*2 For ML7344Jy, the initial value of the register TCXO_EN is 0b1. In case of using ML7344JC, the register
XTAL_EN([CLK_SET2: B0 0x03(4)])=0b1 must be programmed first.
*3 For ML7344Cy, the initial value of the register XTAL_EN is 0b1. In case of using ML7344CT, the
register TCXO_EN([CLK_SET2: B0 0x03(6)])=0b1 must be programmed first.
*4 Please refer to [EXTCLK_CTR: B0 0x52] register.
*5 Please refer to [GPIO0_CTRL: B0 0x4E] register
*6 Please refer to [GPIO1_CTRL: B0 0x4F] register
*7 Please refer to [GPIO2_CTRL: B0 0x50] register
*8 Please refer to [GPIO3_CTRL: B0 0x51] register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com