Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7344C Datasheet(PDF) 43 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7344C
Description  Sub-GHz(160MHz to 510MHz) band short range wireless transceiver IC
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7344C Datasheet(HTML) 43 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7344C Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 41Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7344C Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 154 page
background image
FEDL7344C/E/J-05
ML7344C/E/J
43/154
●Field check function
ML7344 has the function of comparing the 9 bytes following L-field (Format A/B: start from C-field, Format
C: start from Data-field) in a receiving packet. Based on comparison with the expected data, possible to
generate interrupts (Field check function). Field check can be possible with the following register setting. When
using this function, RXDIO_CTRL [1:0] ([DIO_SET:B0 0x0C(7-6)]) = 0b00 (FIFO mode) or 0b11 (data
output mode 2) setting is required.
Function
Register
RX data process setting when Field check unmatched
[C_CHECK_CTRL: B0 0x1B(7)]
Field check interrupt setting
[C_CHECK_CTRL: B0 0x1B(6)]
C-field detection enable setting
[C_CHECK_CTRL: B0 0x1B(4-0)]
M-field detection enable setting
[M_CHECK_CTRL: B0 0x1C(3-0)]
A-field detection enable setting
[A_CHECK_CTRL: B0 0x1D(5-0)]
C-field code setting
[C_FIELD_CODE1: B0 0x1E]
[C_FIELD_CODE2: B0 0x1F]
[C_FIELD_CODE3: B0 0x20]
[C_FIELD_CODE4: B0 0x21]
[C_FIELD_CODE5: B0 0x22]
M-field code setting
[M_FIELD_CODE1: B0 0x23]
[M_FIELD_CODE2: B0 0x24]
[M_FIELD_CODE3: B0 0x25]
[M_FIELD_CODE4: B0 0x26]
A-field code setting
[A_FIELD_CODE1: B0 0x27]
[A_FIELD_CODE2: B0 0x28]
[A_FIELD_CODE3: B0 0x29]
[A_FIELD_CODE4: B0 0x2A]
[A_FIELD_CODE5: B0 0x2B]
[A_FIELD_CODE6: B0 0x2C]
The following describes the relation between each comparison code and incoming RX data.
[Format A/B(Wireless M-Bus)]
Field check can be controlled by setting disabled/enabled for each comparison code (1 byte). If all specified
Field data (C-field/M-field/A-field) are matched, Field checking matching will be notified. However, if C-field
data and C_FIELD_CODE5 are matched, even if other Field data (M-field/A-field) are not matched, Field check
result will be notified as ”match”.
MSB
Preamble
Sync
Word
L
field
1st Block
A
field
C
field
M
field
1
byte
1
byte
2
bytes
10/18/
32bits
Over n*2
bit
6
bytes
CRC
field
0/2
bytes
C1: [C_FIELD_CODE1: B0 0x1E]
C2: [C_FIELD_CODE2: B0 0x1F]
C3: [C_FIELD_CODE3: B0 0x20]
C4: [C_FIELD_CODE4: B0 0x21]
C5: [C_FIELD_CODE5: B0 0x22]
A1. [A_FIELD_CODE1: B0 0x27]
A2. [A_FIELD_CODE2: B0 0x28]
A3. [A_FIELD_CODE3: B0 0x29]
A4. [A_FIELD_CODE4: B0 0x2A]
A5. [A_FIELD_CODE5: B0 0x2B]
A6. [A_FIELD_CODE6: B0 0x2C]
A1
A2
A3
A4
A5
A6
LSB
M1. [M_FIELD_CODE1: B0 0x23]
M2. [M_FIELD_CODE2: B0 0x24]
M3. [M_FIELD_CODE3: B0 0x25]
M4. [M_FIELD_CODE4: B0 0x26]
M1
M2
M3
M4
C1
C2
C3
C4
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com