Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820SKGD3 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 17Page - Texas Instruments OPA820SKGD3 Datasheet HTML 18Page - Texas Instruments OPA820SKGD3 Datasheet HTML 19Page - Texas Instruments OPA820SKGD3 Datasheet HTML 20Page - Texas Instruments OPA820SKGD3 Datasheet HTML 21Page - Texas Instruments OPA820SKGD3 Datasheet HTML 22Page - Texas Instruments OPA820SKGD3 Datasheet HTML 23Page - Texas Instruments OPA820SKGD3 Datasheet HTML 24Page - Texas Instruments OPA820SKGD3 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
O P A820
High−Speed
DAC
V
O = ID
F
F
R
R
C
F
GBP → Gain Bandwidth
Product (Hz) for the OPA820.
C
D
I
D
I
D
=
p
p
F
F
F
D
1
GBP
2 R C
4 R C
-
=
p
3dB
F
D
GBP
f
4 R C
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
DAC Transimpedance Amplifier
High-frequency digital-to-analog converters (DACs) require a low-distortion output amplifier to retain their SFDR
performance into real-world loads. See Figure 8 for a single-ended output drive implementation. In this circuit,
only one side of the complementary output drive signal is used. The diagram shows the signal output current
connected into the virtual ground-summing junction of the OPA820, which is set up as a transimpedance stage or
I-V converter. The unused current output of the DAC is connected to ground. If the DAC requires its outputs to
be terminated to a compliance voltage other than ground for operation, then the appropriate voltage level may be
applied to the non-inverting input of the OPA820.
Figure 8. Wideband, Low-Distortion DAC Transimpedance Amplifier
The DC gain for this circuit is equal to RF. At high frequencies, the DAC output capacitance (CD) will produce a
zero in the noise gain for the OPA820 that may cause peaking in the closed-loop frequency response. CF is
added across RF to compensate for this noise-gain peaking. To achieve a flat transimpedance frequency
response, this pole in the feedback network should be set to:
(1)
which will give a corner frequency f−3dB of approximately:
(2)
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com