Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820SKGD3 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 10Page - Texas Instruments OPA820SKGD3 Datasheet HTML 11Page - Texas Instruments OPA820SKGD3 Datasheet HTML 12Page - Texas Instruments OPA820SKGD3 Datasheet HTML 13Page - Texas Instruments OPA820SKGD3 Datasheet HTML 14Page - Texas Instruments OPA820SKGD3 Datasheet HTML 15Page - Texas Instruments OPA820SKGD3 Datasheet HTML 16Page - Texas Instruments OPA820SKGD3 Datasheet HTML 17Page - Texas Instruments OPA820SKGD3 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
−75
−80
−85
−90
−95
−100
−105
HARMONIC DISTORTION vs LOAD RESISTANCE
Resistance (Ω)
100
1k
2nd−Harmonic
3rd−Harmonic
f = 1MHz
V
O = 2VPP
G = +2V/V
See Figure 3
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
V
O = 2VPP
f = 1MHz
G = +2V/V
R
L = 200Ω
See Figure 3
−70
−75
−80
−85
−90
−95
−100
HARMONIC DISTORTION vs INVERTING GAIN
Gain (| V/V| )
1
10
2nd−Harmonic
3rd−Harmonic
f = 1MHz
R
L = 200Ω
V
O = 2VPP
See Figure 4
−60
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
G = +2V/V
R
L = 200Ω
V
O = 2VPP
See Figure 3
−60
−70
−80
−90
−100
−110
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (V/V)
1
10
2nd−Harmonic
3rd−Harmonic
See Figure 3
f = 1MHz
R
L = 200Ω
V
O = 2VPP
40
35
30
25
20
15
TWO−TONE, 3RD−ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
0
5
10
15
20
25
30
402Ω
OPA82 0
P
I
+5V
P
O
57.6Ω
200Ω
806Ω
806Ω
402Ω
0.01µF
0.01µF
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS: VS = 5 V (continued)
RF = 402 Ω, RL = 100 Ω, G = 2 and TA = 25°C unless otherwise noted.
14
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com