Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820SKGD3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 2Page - Texas Instruments OPA820SKGD3 Datasheet HTML 3Page - Texas Instruments OPA820SKGD3 Datasheet HTML 4Page - Texas Instruments OPA820SKGD3 Datasheet HTML 5Page - Texas Instruments OPA820SKGD3 Datasheet HTML 6Page - Texas Instruments OPA820SKGD3 Datasheet HTML 7Page - Texas Instruments OPA820SKGD3 Datasheet HTML 8Page - Texas Instruments OPA820SKGD3 Datasheet HTML 9Page - Texas Instruments OPA820SKGD3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
OPA820-HT
SBOS587
– DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 5 V
RF = 402 Ω, RL = 100 Ω, and G = 2, unless otherwise noted.
-55
°C to 125°C
210
°C
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE
Small-Signal Bandwidth
G = 1, VO = 0.1VPP, RF = 0 Ω
800
MHz
C
G = 2, VO = 0.1VPP
240
100
MHz
C
G = 10, VO = 0.1VPP
30
MHz
C
Gain Bandwidth Product
G
≥ 20
150
270
202
MHz
C
Bandwidth for 0.1dB Gain
G = 2, VO = 0.1VPP
38
MHz
C
Flatness
Peaking at a Gain of +1
VO = 0.1VPP, RF = 0 Ω
0.5
dB
C
Large-Signal Bandwidth
G = 2, VO = 2VPP
85
MHz
C
Slew Rate
G = 2, 2-V Step
240
185
V/
µs
C
Rise and Fall Time
G = 2, VO = 0.2-V Step
10.5
11.5
ns
C
0.02%
22
28
Settling Time to
G = 2, VO = 2-V Step
ns
C
0.1%
18
24
Harmonic Distortion
G = 2, f = 1 MHz, VO = 2VPP
2nd harmonic
RL = 200 Ω
-85
-76
dBc
C
RL = 500 Ω
-90
-75
dBc
C
3rd harmonic
RL = 200 Ω
-95
-92
dBc
C
RL = 500 Ω
-110
-91
dBc
C
Input Voltage Noise
f
> 100 kHz
2.5
4.5
nV/
√Hz
C
Input Current Noise
f
> 100 kHz
1.7
pA/
√Hz
C
G = 2, PAL, VO = 1.4VPP, RL = 150
Differential Gain
0.01
%
C
Ω
G = 2, PAL, VO = 1.4VPP, RL = 150
Differential Phase
0.03
°
C
Ω
DC PERFORMANCE(2)
Open-Loop Voltage Gain
VO = 0 V, Input-Referred
60
65
58
64
dB
A
(AOL)
Input Offset Voltage
VCM = 0 V
1.8
3.5
1.8
3.5
mV
A
Average input offset
VCM = 0 V
7
7
μV/°C
C
voltage drift
Input Bias Current
VCM = 0 V
39
39
μA
C
Average input bias
VCM = 0 V
50
50
nA/
°C
C
current drift
Input Offset Current
VCM = 0 V
±700
±700
nA
C
Inverting Input Bias Current
VCM = 0 V
50
50
nA/
°C
C
Drift
(1)
Test levels: (A) 100% tested. (B) Limits set by characterization and simulation. (C) Typical value only for information.
(2)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com