Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820SKGD3 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820SKGD3
Description  UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820SKGD3 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA820SKGD3 Datasheet HTML 9Page - Texas Instruments OPA820SKGD3 Datasheet HTML 10Page - Texas Instruments OPA820SKGD3 Datasheet HTML 11Page - Texas Instruments OPA820SKGD3 Datasheet HTML 12Page - Texas Instruments OPA820SKGD3 Datasheet HTML 13Page - Texas Instruments OPA820SKGD3 Datasheet HTML 14Page - Texas Instruments OPA820SKGD3 Datasheet HTML 15Page - Texas Instruments OPA820SKGD3 Datasheet HTML 16Page - Texas Instruments OPA820SKGD3 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
3
0
−3
−6
−9
−12
−15
−18
NONINVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
G = +1
V
O = 0.1VPP
R
L = 100Ω
See Figure 3
G = +10
G = +2
G = +5
9
6
3
0
−3
−6
−9
−12
NONINVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
600
V
O = 0.5VPP
V
O = 1VPP
V
O = 2VPP
V
O = 4VPP
G = +2V/V
R
L = 100Ω
See Figure 3
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
NONINVERTING PULSE RESPONSE
Time (10ns/div)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Large Signal ± 1V
Right Scale
Small Signal ± 100mV
Left Scale
G = +2
See Figure 3
3
0
−3
−6
−9
−12
−15
−18
INVERTING SMALL−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
G = −1
G = −2
G = −5
G = −10
V
O = 0.1VPP
R
L = 100Ω
See Figure 4
3
0
−3
−6
−9
−12
−15
−18
INVERTING LARGE−SIGNAL FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
500
V
O = 0.5VPP
V
O = 1VPP
V
O = 2VPP
V
O = 4VPP
G = −1
R
L = 100Ω
See Figure 4
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
INVERTING PULSE RESPONSE
Time (10ns/div)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Large Signal ± 1V
Right Scale
Small Signal± 100mV
Left Scale
G = −1
See Figure 4
OPA820-HT
www.ti.com
SBOS587
– DECEMBER 2011
TYPICAL CHARACTERISTICS: VS = 5 V
RF = 402 Ω, RL = 100 Ω, G = 2 and TA = 25°C unless otherwise noted.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA820-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com